Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5027 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza 2SC5027
Descripción Electrónicos  High Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5027 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5027 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5027 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
2SC5027
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BVEBO
Emitter -Base
Breakdown Voltage
IE= 1mA; IC= 0
7
V
BVCEO
Collector- Emitter Breakdown Voltage
IC= 5mA; IB= 0
800
V
BVCBO
Collector- Base
Breakdown Voltage
IC= 1mA; IE= 0
850
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 0.3A
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1.5A; IB= 0.3A
1.5
V
ICBO
Collector Cutoff Current
VCB= 800V; IE= 0
10
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
μA
hFE
DC Current Gain
IC= 0.2A; VCE= 5V
10
40
hFE
DC Current Gain
IC= 1A; VCE= 5V
8
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1MHz
60
pF
fT
Current-Gain—Bandwidth Product
IE= 0.2A; VCE= 10V
15
MHz
Switching Times
ton
Turn-On Time
IC=5IB1=-2.5 IB2=2A;
VCC= 400V; RL= 200Ω
0.5
μs
tstg
Storage Time
3.0
μs
tf
Fall Time
0.3
μs


Número de pieza similar - 2SC5027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC5027 TOSHIBA-2SC5027 Datasheet
228Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
Unisonic Technologies
2SC5027 UTC-2SC5027 Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
2SC5027 UTC-2SC5027 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Nell Semiconductor Co.,...
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
   Silicon NPN triple diffusion planar transistor
logo
Foshan Blue Rocket Elec...
2SC5027 FOSHAN-2SC5027 Datasheet
436Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

Descripción similar - 2SC5027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com