Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N138SD Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza 6N138SD
Descripción Electrónicos  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SD Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 6N138SD Datasheet HTML 6Page - Fairchild Semiconductor 6N138SD Datasheet HTML 7Page - Fairchild Semiconductor 6N138SD Datasheet HTML 8Page - Fairchild Semiconductor 6N138SD Datasheet HTML 9Page - Fairchild Semiconductor 6N138SD Datasheet HTML 10Page - Fairchild Semiconductor 6N138SD Datasheet HTML 11Page - Fairchild Semiconductor 6N138SD Datasheet HTML 12Page - Fairchild Semiconductor 6N138SD Datasheet HTML 13Page - Fairchild Semiconductor 6N138SD Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Fig. 22 Propagation Delay vs. Temperature
(6N138 / 6N139 Only)
TA - TEMPERATURE (˚C)
010
20
304050607080
0
10
20
30
40
50
HCPL-2730 : IF = 1.6 mA, RL = 2.2 k
HCPL-2731 : IF = 0.5 mA, RL = 4.7 k
tPLH (HCPL-2731)
tPLH (HCPL-2730)
tPHL (HCPL-2730)
tPHL (HCPL-2731)
Fig. 23 Propagation Delay vs. Temperature
(HCPL-2730 / HCPL-2731 Only)
TA - TEMPERATURE (˚C)
010
20304050607080
0
10
20
30
40
50
HCPL-2730 : IF = 1.6 mA, RL = 2.2 k
HCPL-2731 : IF = 0.5 mA, RL = 4.7 k
tPLH (HCPL-2731)
tPLH (HCPL-2730)
tPHL (HCPL-2730)
tPHL (HCPL-2731)


Número de pieza similar - 6N138SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138SD FAIRCHILD-6N138SD Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SD FAIRCHILD-6N138SD Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDM FAIRCHILD-6N138SDM Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDV FAIRCHILD-6N138SDV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDV FAIRCHILD-6N138SDV Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Descripción similar - 6N138SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com