Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


GS72108J-15I Datasheet(Hoja de datos) 7 Page - GSI Technology

No. de Pieza. GS72108J-15I
Descripción  256K x 8 2Mb Asynchronous SRAM
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo 

 7 page
background image
Rev: 1.08 7/2002
7/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72108TP/J
Read Cycle 2: WE = VIH
* These parameters are sampled and are not 100% tested.
Write Cycle
Parameter
Symbol
-8
-10
-12
-15
Unit
Min Max Min Max Min Max Min Max
Write cycle time
tWC
8
10
12
15
ns
Address valid to end of write
tAW
5.5
7
8
10
ns
Chip enable to end of write
tCW
5.5
7
8
10
ns
Data set up time
tDW
4
5
6
7
ns
Data hold time
tDH
0
0
0
0
ns
Write pulse width
tWP
5.5
7
8
10
ns
Address set up time
tAS
0
0
0
0
ns
Write recovery time (WE)tWR
0
0
0
0
ns
Write recovery time (CE)tWR1
0
0
0
0
ns
Output Low Z from end of write
tWLZ*
3
3
3
3
ns
Write to output in High Z
tWHZ*
3.5
4
5
6ns
tAA
tRC
Address
tAC
tLZ
tOE
tOLZ
CE
OE
Data Out
tHZ
tOHZ
DATA VALID
High impedance




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GS72108ATP256K x 8 2Mb Asynchronous SRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
N02L083WC2A2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
M36DR432A32 Mbit 2Mb x16 Dual Bank Page Flash Memory and 4 Mbit 256K x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
N02L163WN1A2Mb Ultra-Low Power Asynchronous CMOS SRAM 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
GS72116TP128K x 16 2Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology
M36DR432C32 Mbit 2Mb x16 Dual Bank Page Flash Memory and 4 Mbit 256K x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M68AW256DL4 Mbit 256K x16 3.0V Asynchronous SRAM 1 2 3 4 5 MoreSTMicroelectronics
M68AW256M4 Mbit 256K x16 3.0V Asynchronous SRAM 1 2 3 4 5 MoreSTMicroelectronics
M36W432T32 Mbit 2Mb x16 Boot Block Flash Memory and 4 Mbit 256K x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
GS76024AB256K x 24 6Mb Asynchronous SRAM 1 2 3 4 5 MoreGSI Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl