Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BTB06-800TWRG Datasheet(PDF) 3 Page - STMicroelectronics |
|
BTB06-800TWRG Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 6 page BTA/BTB06 Series 3/6 THERMAL RESISTANCES PRODUCT SELECTOR BTB: non insulated TO-220AB package ORDERING INFORMATION OTHER INFORMATION Note: xxx = voltage, y = sensitivity, z = type Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) TO-220AB 1.8 °C/W TO-220AB Insulated 2.7 Rth(j-a) Junction to ambient TO-220AB TO-220AB Insulated 60 °C/W Part Number Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA/BTB06-xxxB X X 50 mA Standard TO-220AB BTA/BTB06-xxxBW X X 50 mA Snubberless TO-220AB BTA/BTB06-xxxC X X 25 mA Standard TO-220AB BTA/BTB06-xxxCW X X 35 mA Snubberless TO-220AB BTA/BTB06-xxxSW X X 10 mA Logic level TO-220AB BTA/BTB06-xxxTW X X 5 mA Logic level TO-220AB Part Number Marking Weight Base quantity Packing mode BTA/BTB06-xxxyz BTA/BTB06-xxxyz 2.3 g 250 Bulk BTA/BTB06-xxxyzRG BTA/BTB06-xxxyz 2.3 g 50 Tube BT A 06 - 600 BW (RG) TRIAC SERIES INSULATION: A: insulated B: non insulated CURRENT: 6A SENSITIVITY & TYPE B: 50mA STANDARD BW: 50mA SNUBBERLESS C: 25mA STANDARD CW: 35mA SNUBBERLESS SW: 10mA LOGIC LEVEL TW: 5mA LOGIC LEVEL VOLTAGE: 600: 600V 800: 800V PACKING MODE Blank: Bulk RG: Tube |
Número de pieza similar - BTB06-800TWRG |
|
Descripción similar - BTB06-800TWRG |