Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GA20JT12-263 Datasheet(PDF) 11 Page - GeneSiC Semiconductor, Inc.

No. de Pieza. GA20JT12-263
Descripción  OFF Silicon Carbide Junction Transistor
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo 

GA20JT12-263 Datasheet(HTML) 11 Page - GeneSiC Semiconductor, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
GA20JT12-263
Nov 2015
Latest version of this datasheet at: http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg 11 of 11
Section VI: Package Dimensions
TO-263-7L
PACKAGE OUTLINE
NOTE
1. CONTROLLED DIMENSION IS INCH. DIMENSION IN BRACKET IS MILLIMETER.
2. DIMENSIONS DO NOT INCLUDE END FLASH, MOLD FLASH, MATERIAL PROTRUSIONS
Revision History
Date
Revision
Comments
Supersedes
2015/06/05
0
Initial release
2015/11/20
1
Updated Electrical Characteristics
Published by
GeneSiC Semiconductor, Inc.
43670 Trade Center Place Suite 155
Dulles, VA 20166
GeneSiC Semiconductor, Inc. reserves right to make changes to the product specifications and data in this document without notice.
GeneSiC disclaims all and any warranty and liability arising out of use or application of any product. No license, express or implied to any
intellectual property rights is granted by this document.
Unless otherwise expressly indicated, GeneSiC products are not designed, tested or authorized for use in life-saving, medical, aircraft
navigation, communication, air traffic control and weapons systems, nor in applications where their failure may result in death, personal
injury and/or property damage.
0.171 (4.343)
0.181 (4.597)
0.045 (1.143)
0.055 (1.397)
0.000 (0.000)
0.012 (0.305)
SEATING PLANE
<D>
0.090 (2.286)
0.110 (2.794)
0.010 (0.254)
GATE PLANE
0°- 8°
0.013 (0.330)
0.017 (0.432)
0.400 (10.160)
0.420 (10.668)
0.055 (1.397) REF.
0.075 (1.905)
0.045 (1.143)
0.055 (1.397)
0.351 (8.915)
0.361 (9.169)
0.575 (14.605)
0.625 (15.875)
18°- 22° REF.
0.400 (10.160)
0.300 (7.620)
0.256 (6.502)
0.065 (1.651)
0.125 (3.175)
0.304
(7.722)
GA20JT12-263
XXXXXX
Lot code
0.050
(1.27)
0.024
(0.60)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn