Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GA20JT12-263 Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

No. de Pieza. GA20JT12-263
Descripción  OFF Silicon Carbide Junction Transistor
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo 

GA20JT12-263 Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GA20JT12-263
Nov 2015
Latest version of this datasheet at: http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg 3 of 11
Section IV: Figures
A: Static Characteristics
Figure 1: Typical Output Characteristics at 25 °C
Figure 2: Typical Output Characteristics at 150 °C
Figure 3: Typical Output Characteristics at 175 °C
Figure 4: DC Current Gain vs. Drain Current
Figure 5: On-Resistance vs. Gate Current
Figure 6: On-Resistance vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn