Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCE-025U112-00 Datasheet(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza LCCE-025U112-00
Descripción Electrónicos  25W Constant Current Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-025U112-00 Datasheet(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-025U112-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-025U112-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-025U112-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCE-025U112-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
25W Constant Current Power Supply
25-LCCE Series
Constant Current Mode
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
PF vs. Load (LCCE-025U701-29G)
0.80
0.85
0.90
0.95
1.00
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load(%)
PF vs Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Número de pieza similar - LCCE-025U112-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
LCCE-025U112 LINKCOM-LCCE-025U112 Datasheet
544Kb / 5P
   Power Supply
More results

Descripción similar - LCCE-025U112-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
logo
ETA-USA
SVA-SC ETA-USA-SVA-SC Datasheet
2Mb / 3P
   25W ??Isolated Power Supply
SVA-SD ETA-USA-SVA-SD Datasheet
2Mb / 3P
   25W Isolated Power Supply
WRT-X-O ETA-USA-WRT-X-O Datasheet
1Mb / 3P
   25W & 30W Power Supply
VTA01C12 ETA-USA-VTA01C12 Datasheet
7Mb / 3P
   25W Isolated Power Supply
VTA21-FWC12 ETA-USA-VTA21-FWC12 Datasheet
6Mb / 3P
   25W Isolated Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com