Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCEA050U432-00 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza LCCEA050U432-00
Descripción Electrónicos  60W LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCEA050U432-00 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCEA050U432-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCEA050U432-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCEA050U432-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCEA050U432-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
● EMI: Meets FCC / Meets CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 5 years (refer to LinkCom warranty policy)
● RoHS Compliant
4.6
OUTPUT
CURRENT
TOLERANCE
EFFICIENCY
O/P NOISE(P-P,V)
84%
> 0.95 @ 115 Vac / > 0.9 @ 230 Vac at Full Load
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
0.75 mA / 132 Vac / 60 Hz
TURN ON DELAY TIME
*REFERENCE: www.linkcom.com.tw
WITHSTAND VOLTAGE
DIMENSION (L*W*H)
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk at 20MHz bandwidth.
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
(6) 100% Production Tested.
158 * 58 * 39.4 mm 【6.22 * 2.28 * 1.55 inch】
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
(1) All parameters specified at 230 Vac input unless otherwise noted.
AC CURRENT
EMI
-20℃ ~ +60℃
ISOLATION RESISTANCE
FEATURES:
SCP, OVP and OTP will restart automatically after the fault condition is removed
Cold Start 50 A @ 230 Vac
OVER VOLTAGE PROTECTION
LEAKAGE CURRENT
Range: 47-63 Hz, Normal: 50-60 Hz
ELECTRICAL SPECIFICATION
< 20% @ 277 Vac Full Load
3 s at Full Load 115 Vac / 230 Vac
INRUSH CURRENT (Max.)
INPUT VOLTAGE RANGE
Meets FCC Part15 / Meets CE EN55015
NA
NA
60W LED Power Supply
Constant Current Mode
NA
SAFETY
OPERATING TEMP.
STORAGE TEMP.
RELATIVE HUMIDITY
OVER CURRENT PROTECTION
60-LCC Series
42-48
33-42
33-36
PRODUCT SPECIFICATION
1.7
LCCEA060U172-00
LCCEA050U432-00
-40℃ ~ +80℃
10% to +90%, non-cond.
UL 8750
INPUT FREQUENCY
ACTIVE POWER FACTOR
9-12
0.8 A / 115 Vac 0.4 A / 230 Vac
OVER TEMP. PROTECTION
THD
SHORT CIRCUIT PROTECTION
LCCEA060U132-00
LCCEA060U142-00
4.3
62.4
OUTPUT
CURRENT(A)
MODEL
DC OUTPUT
POWER(W)
DC OUTPUT
VOLTAGE(V)
1.4
58.8
61.2
51.6
● AC Input 90~305 Vac Nominal
● Power Factor: > 0.95 @ 115 Vac / > 0.9 @ 230 Vac @ Full Load
● Protection: SCP / OVP / OCP
4.2
2
±5%
86%
1.3
86%
● High Operating Ambient Temp.: -20℃ ~ +60℃
● Surge Protection: L-N 1 kV, L/N-FG 2 kV
● Safety: UL
±5%
±5%
86%
3.6
±5%
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Número de pieza similar - LCCEA050U432-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
LCCEA075U240 LINKCOM-LCCEA075U240 Datasheet
493Kb / 5P
   Power Supply
LCCEA075U240-00 LINKCOM-LCCEA075U240-00 Datasheet
354Kb / 4P
   75W Power Supply
LCCEA075U320-00 LINKCOM-LCCEA075U320-00 Datasheet
354Kb / 4P
   75W Power Supply
LCCEA075U360 LINKCOM-LCCEA075U360 Datasheet
493Kb / 5P
   Power Supply
LCCEA075U360-00 LINKCOM-LCCEA075U360-00 Datasheet
354Kb / 4P
   75W Power Supply
More results

Descripción similar - LCCEA050U432-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
60W-LCVE LINKCOM-60W-LCVE Datasheet
484Kb / 3P
   60W LED Power Supply
logo
Total Power Internation...
TPLSU60 TOTAL-POWER-TPLSU60 Datasheet
156Kb / 2P
   60W LED Power Supply
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com