Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCEA060U142-00 Datasheet(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza LCCEA060U142-00
Descripción Electrónicos  60W LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCEA060U142-00 Datasheet(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  LCCEA060U142-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCEA060U142-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCEA060U142-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCEA060U142-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
60W LED Power Supply
Constant Current Mode
60-LCC Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
PF vs. Load (LCCEA060U132-00)
0.75
0.80
0.85
0.90
0.95
1.00
86.0%
88.0%
90.0%
92.0%
94.0%
96.0%
98.0%
100.0%
102.0%
Load(%)
PF vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Número de pieza similar - LCCEA060U142-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
LCCEA075U240 LINKCOM-LCCEA075U240 Datasheet
493Kb / 5P
   Power Supply
LCCEA075U240-00 LINKCOM-LCCEA075U240-00 Datasheet
354Kb / 4P
   75W Power Supply
LCCEA075U320-00 LINKCOM-LCCEA075U320-00 Datasheet
354Kb / 4P
   75W Power Supply
LCCEA075U360 LINKCOM-LCCEA075U360 Datasheet
493Kb / 5P
   Power Supply
LCCEA075U360-00 LINKCOM-LCCEA075U360-00 Datasheet
354Kb / 4P
   75W Power Supply
More results

Descripción similar - LCCEA060U142-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
60W-LCVE LINKCOM-60W-LCVE Datasheet
484Kb / 3P
   60W LED Power Supply
logo
Total Power Internation...
TPLSU60 TOTAL-POWER-TPLSU60 Datasheet
156Kb / 2P
   60W LED Power Supply
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com