Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCH-100U120-00 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza LCCH-100U120-00
Descripción Electrónicos  100W LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-100U120-00 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-100U120-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-100U120-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCH-100U120-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCH-100U120-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100W LED Power Supply
Constant Current Mode
100-LCCH Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
*REFERENCE: www.linkcom.com.tw
DIMENSIONS
Tc Max.
LCCH-100U240 as Tc Max. Reference
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Número de pieza similar - LCCH-100U120-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
LCCH-100U120 LINKCOM-LCCH-100U120 Datasheet
479Kb / 4P
   Power Supply
More results

Descripción similar - LCCH-100U120-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100_12 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
logo
LinkCom Manufacturing C...
100W-LCCEA LINKCOM-100W-LCCEA Datasheet
435Kb / 4P
   100W Power Supply
logo
ETA-USA
ETD-SC ETA-USA-ETD-SC Datasheet
2Mb / 5P
   100W Isolated Power Supply
NVD-SC ETA-USA-NVD-SC Datasheet
3Mb / 4P
   100W Isolated Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com