Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCH-200U480-00 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza LCCH-200U480-00
Descripción Electrónicos  200W Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-200U480-00 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-200U480-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-200U480-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCH-200U480-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● EMI: Meets FCC / Meets CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 5 years (refer to LinkCom warranty policy)
● RoHS Compliant
LEAKAGE CURRENT
0.5
92%
0.8
0.5
92%
0.8
±5%
Range: 47-63 Hz, Normal: 50-60 Hz
201.6
0.8
*REFERENCE: www.linkcom.com.tw
18-24
27-36
WITHSTAND VOLTAGE
< 3s at Full Load 100-277 Vac
±5%
92%
±5%
200-LCCH Series
OUTPUT
VOLTAGE
TOLERANCE
PRODUCT SPECIFICATION
DC OUTPUT
POWER(W)
O/P NOISE(P-P,V)
● AC Input 90~305 Vac Nominal
● Protection: SCP / OVP / OTP / OCP
● Power Factor: > 0.98 @ 100 Vac / > 0.95 @ 230 Vac
MODEL
FEATURES:
200W Power Supply
Constant Current Mode
DC OUTPUT
VOLTAGE(V)
OUTPUT
CURRENT(A)
3.2 A / 110 VAC
cold start 70 A @ 230 Vac
< 0.7 mA / 277 Vac
I/P-O/P:3.75 kVac, O/P-Grnd:0.5 kVac, I/P-Grnd:1.88 kVac
I/P-O/P, I/P-FG,O/P-FG :100M Ω / 500 Vdc / 25℃ / 70% RH
246.4 * 74 * 43.55 mm【9.7 * 2.91 * 1.71 inch】
90%
8-12
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
INPUT VOLTAGE RANGE
192
201.6
201.6
16
LCCH-200U120-00
LCCH-200U240-00
LCCH-200U360-00
LCCH-200U420-00
201.6
32-42
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
ISOLATION RESISTANCE
DIMENSION (L*W*H)
EMI
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
restart automatically after the fault condition is removed
OVER VOLTAGE PROTECTION
ELECTRICAL SPECIFICATION
36-48
(5) Minimum load is NOT required for proper operation .
(4) Specified for free-air convection cooling.
(6) 100% Production Tested.
(1) All parameters specified at 230 Vac input unless otherwise noted.
Meets FCC Part 15 / Meets EN 55015
4.2
SAFETY
STORAGE TEMP.
OVER TEMP. PROTECTION
● High Operating Ambient Temp.: -30℃ ~ +60℃(refer to dreating curve)
short circuit protection will restart automatically after the fault condition is removed
● Safety: PSE
LCCH-200U480-00
4.8
● Surge Protection: L-N 2 kV, L/N-FG 4 kV
8.4
±5%
EFFICIENCY
5.6
92%
±5%
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
-30℃ ~ +60℃(refer to dreating curve)
-40℃~+80℃
10% to +90%, non-cond.
PSE
OPERATING TEMP.
RELATIVE HUMIDITY
SHORT CIRCUIT PROTECTION
ACTIVE POWER FACTOR
THD
INPUT FREQUENCY
NA
TURN ON DELAY TIME
AC CURRENT
> 0.98 @ 110 Vac / > 0.95 @ 230 Vac at Full Load and Rated Output Voltage
INRUSH CURRENT (typ)
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Número de pieza similar - LCCH-200U480-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
LCCH-200U480 LINKCOM-LCCH-200U480 Datasheet
739Kb / 5P
   Power Supply
More results

Descripción similar - LCCH-200U480-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TIPC200-FX TRUMPOWER-TIPC200-FX Datasheet
165Kb / 1P
   200W FlexATX PC Power Supply
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
   200W Single Output Swtiching Power Supply
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-185H-C MEANWELL-HLG-185H-C Datasheet
406Kb / 6P
   200W Single Output LED Power Supply
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
ERP-200 MEANWELL-ERP-200 Datasheet
521Kb / 5P
   200W Single Output Switching Power Supply
NES-200 MEANWELL-NES-200 Datasheet
293Kb / 2P
   200W Single Output Switching Power Supply
NES-200_1104 MEANWELL-NES-200_1104 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
RPS-200 MEANWELL-RPS-200 Datasheet
763Kb / 6P
   200W Reliable Green Medical Power Supply
LRS-200N2 MEANWELL-LRS-200N2 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com