Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

B39491B5217H310 Datasheet(PDF) 2 Page - TDK Electronics

No. de Pieza. B39491B5217H310
Descripción  SAW Components SAW IF filter Clean up filter
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo 

B39491B5217H310 Datasheet(HTML) 2 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Oct 22, 2010
B5217
491.52 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Application
s
Low-loss IF filter
s
VCXO clean up filter
s
Temperature stable
Features
s
Package size 7.0 x 5.0 x 1.35 mm3
s
Package code QCC12C
s
RoHS compatible
s
Approx. weight 0.25 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
10
Input
s
12
Input ground
s
4
Output
s
6
Output ground
s
3, 9
Case ground
s
1, 2, 7, 8
To be grounded


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn