Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

B39491B5217H310 Datasheet(PDF) 4 Page - TDK Electronics

No. de Pieza. B39491B5217H310
Descripción  SAW Components SAW IF filter Clean up filter
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo 

B39491B5217H310 Datasheet(HTML) 4 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Oct 22, 2010
B5217
491.52 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 50
Element values depend upon board layout
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
10
dBm
Cp1= 10 pF
Ls2 = 33 nH
Ls3 = 27 nH
Cp4= 10 pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn