Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC88FC2F0BUTJ-2H Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza LC88FC2F0BUTJ-2H
Descripción Electrónicos  16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2F0BUTJ-2H Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC88FC2F0BUTJ-2H Datasheet HTML 7Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 8Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 9Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 10Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 11Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 12Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 13Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 14Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LC88FC2F0B
www.onsemi.com
11
Continued from preceding page.
Pin Name
I/O
Description
Port 3
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
P30: INT0 input/HOLD release/timer 2L capture input
P31: INT1 input/HOLD release/timer 2H capture input
P32: INT2 input/HOLD release/timer 2 event input/timer 2L capture input/
Infrared Remote Controller Receiver input
P33: INT3 input/HOLD release/timer 2 event input/timer 2H capture input
P34: UART3 receive
P35: UART3 transmit
P36: Timer 6 output
P37: Timer 7 output
Interrupt acknowledge type
INT0 to INT3: H level, L level, H edge, L edge, both edges
P30 to P37
Port 4
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
P40: INT6 input/HOLD release input
P41: INT7 input/HOLD release input
P43: SIO1 data output
P44: SIO1 data input/bus input/output
P45: SIO1 clock input/output
P46: PWM0A output
P47: PWM0Boutput
Interrupt acknowledge type
INT6, INT7: H level, L level, H edge, L edge, both edges
P40 to P47
Port 5
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
HOLD release input
Port 0 interrupt input
P50 to P57
Port 6
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
AN0 (P60) to AN7 (P67): AD converter input port
P60 to P67
Port 7
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
AN8 (P70) to AN15 (P77): AD converter input port
P70 to P77
Continued on next page.


Número de pieza similar - LC88FC2F0BUTJ-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2D0BUTJ-2H ONSEMI-LC88FC2D0BUTJ-2H Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

Descripción similar - LC88FC2F0BUTJ-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com