Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N2130A Datasheet(PDF) 3 Page - International Rectifier

No. de pieza 1N2130A
Descripción Electrónicos  35,40,and 60 Amp Power Silicon Rectifier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

1N2130A Datasheet(HTML) 3 Page - International Rectifier

  1N2130A Datasheet HTML 1Page - International Rectifier 1N2130A Datasheet HTML 2Page - International Rectifier 1N2130A Datasheet HTML 3Page - International Rectifier 1N2130A Datasheet HTML 4Page - International Rectifier 1N2130A Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Número de pieza similar - 1N2130A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N2130A VISHAY-1N2130A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N2130A VISHAY-1N2130A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
America Semiconductor, ...
1N2130A AMERICASEMI-1N2130A Datasheet
404Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N2130A GENESIC-1N2130A Datasheet
646Kb / 3P
   Silicon Standard Recovery Diode
logo
Naina Semiconductor ltd...
1N2130A NAINA-1N2130A Datasheet
552Kb / 2P
   Standard Recovery Diode, 60A
More results

Descripción similar - 1N2130A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
International Rectifier
1N4044 IRF-1N4044 Datasheet
99Kb / 4P
   275 Amp Avg Power Silicon Rectifier Diodes
6F10 IRF-6F10 Datasheet
336Kb / 8P
   6,12 and 16 Amp Diffused Silicon Rectifier Diodes
1N4816 IRF-1N4816 Datasheet
119Kb / 3P
   1.5 AND 2.0 AMP MOLDED SILICON RECTIFIER DIODES
logo
List of Unclassifed Man...
1N5390 ETC-1N5390 Datasheet
38Kb / 2P
   1.5 Amp. Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
BAR6000 DEC-BAR6000 Datasheet
244Kb / 1P
   60 AMP BUTTON DIODES
BUDI-6000-1A DEC-BUDI-6000-1A Datasheet
64Kb / 1P
   60 AMP BUTTON DIODES
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
   60 AMP BUTTON DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com