Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV1012UPX-07 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMV1012UPX-07
Descripción Electrónicos  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012UPX-07 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV1012UPX-07 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 9Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 10Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 11Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 12Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 13Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 14Page - National Semiconductor (TI) LMV1012UPX-07 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Section (Continued)
SPL needs to be converted to the absolute sound pressure
in dBPa. This is the sound pressure level in decibels referred
to 1 Pascal (Pa).
The conversion is given by:
dBPa = dB SPL + 20*log 20 µPa
dBPa=dBSPL -94dB
Translation from absolute sound pressure level to a voltage
is specified by the sensitivity of the microphone. A conven-
tional microphone has a sensitivity of -44 dBV/Pa.
Example: Busy traffic is 70 dB SPL
V
OUT = 70 −94 −44 = −68 dBV
This is equivalent to 1.13 mV
PP
Since the LMV1012-15 has a gain of 6 (15.6 dB) over the
JFET, the output voltage of the microphone is 6.78 mV
PP.By
implementing the LMV1012-15, the sensitivity of the micro-
phone is -28.4 dBV/Pa (−44 + 15.6).
LOW FREQUENCY CUT OFF FILTER
To reduce noise on the output of the microphone a low
frequency cut off filter has been implemented. This filter
reduces the effect of wind and handling noise.
It’s also helpful to reduce the proximity effect in directional
microphones. This effect occurs when the sound source is
very close to the microphone. The lower frequencies are
amplified which gives a bass sound. This amplification can
cause an overload, which results in a distortion of the signal.
The LMV1012 is optimized to be used in audio band appli-
cations. By using the LMV1012, the gain response is flat
within the audio band and has linearity and temperature
stability Figure 5.
NOISE
Noise pick-up by a microphone in cell phones is a well-
known problem. A conventional JFET circuit is sensitive for
noise pick-up because of its high output impedance, which is
usually around 2.2 k
Ω.
RF noise is amongst other caused by non-linear behavior.
The non-linear behavior of the amplifier at high frequencies,
well above the usable bandwidth of the device, causes AM-
demodulation of high frequency signals. The AM modulation
contained in such signals folds back into the audio band,
thereby disturbing the intended microphone signal. The
GSM signal of a cell phone is such an AM-modulated signal.
The modulation frequency of 216 Hz and its harmonics can
be observed in the audio band. This kind of noise is called
bumblebee noise.
RF noise caused by a GSM signal can be reduced by
connecting two external capacitors to ground, see Figure 6.
One capacitor reduces the noise caused by the 900 MHz
carrier and the other reduces the noise caused by 1800/
1900 MHz.
20058711
FIGURE 4. dB SPL to dBV Conversion
20058712
FIGURE 5. LMV1012-15 Gain vs. Frequency Over
Temperature
www.national.com
11


Número de pieza similar - LMV1012UPX-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV1012UP-07/NOPB TI1-LMV1012UP-07/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1012UP-15/NOPB TI1-LMV1012UP-15/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1012UP-20/NOPB TI1-LMV1012UP-20/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1012UP-25/NOPB TI1-LMV1012UP-25/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
More results

Descripción similar - LMV1012UPX-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
[Old version datasheet]   PDM Output Pre-Amplifier for Electret Microphones
logo
National Semiconductor ...
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
   PDM Output with Pre-Amplifier for Electret Microphones
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
logo
Fujikura Ltd.
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
   Pre-amplified/3V Excitation/Differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com