Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145201 Datasheet(PDF) 10 Page - Motorola, Inc

No. de pieza MC145201
Descripción Electrónicos  2.0 GHz PLL Frequency Synthesizers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145201 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145201 Datasheet HTML 6Page - Motorola, Inc MC145201 Datasheet HTML 7Page - Motorola, Inc MC145201 Datasheet HTML 8Page - Motorola, Inc MC145201 Datasheet HTML 9Page - Motorola, Inc MC145201 Datasheet HTML 10Page - Motorola, Inc MC145201 Datasheet HTML 11Page - Motorola, Inc MC145201 Datasheet HTML 12Page - Motorola, Inc MC145201 Datasheet HTML 13Page - Motorola, Inc MC145201 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MC145200
•MC145201
MOTOROLA
10
Frequency and Phase of fV = fR: essentially a floating
state; voltage at pin determined by loop filter
This output can be enabled, disabled, and inverted via the
C register. If desired, PDout can be forced to a floating state
by utilization of the disable feature in the C register (bit C6).
This is a patented feature. Similarly, PDout is forced to the
floating state when the device is put into standby (STBY bit
C4 = high).
The PDout circuit is powered by VPD. The phase detector
gain is controllable by bits C3, C2, and C1: gain (in amps per
radian) = PDout current divided by 2π.
φR and φV (Pins 3 and 4)
Double–Ended Phase/Frequency Detector Outputs
These outputs can be combined externally to generate a
loop error signal. Through use of a Motorola patented tech-
nique, the detector’s dead zone has been eliminated. There-
fore, the phase/frequency detector is characterized by a
linear transfer function. The operation of the phase/frequen-
cy detector is described below and is shown in Figure 18.
POL bit (C7) in the C register = low (see Figure 15)
Frequency of fV > fR or Phase of fV Leading fR: φV = nega-
tive pulses,
φR = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φV = essen-
tially high,
φR = negative pulses
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when
both pulse low in phase
POL bit (C7) = high
Frequency of fV > fR or Phase of fV Leading fR: φR = nega-
tive pulses,
φV = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φR = essen-
tially high,
φV = negative pulses
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when
both pulse low in phase
These outputs can be enabled, disabled, and inter-
changed via C register bits C6 or C4. This is a patented fea-
ture. Note that when disabled or in standby,
φR and φV are
forced to their rest condition (high state).
The
φR and φV output signal swing is approximately from
GND to VPD.
LD
Lock Detector Output (Pin 2)
This output is essentially at a high level with narrow low–
going pulses when the loop is locked (fR and fV of the same
phase and frequency). The output pulses low when fV and fR
are out of phase or different frequencies. LD is the logical
ANDing of
φR and φV (see Figure 18).
This output can be enabled and disabled via the C register.
This is a patented feature. Upon power up, on–chip initializa-
tion circuitry disables LD to a static low logic level to prevent
a false “lock” signal. If unused, LD should be disabled and
left open.
The LD output signal swing is approximately from GND to
VDD.
Rx
External Resistor (Pin 8)
A resistor tied between this pin and GND, in conjunction
with bits in the C register, determines the amount of current
that the PDout pin sinks and sources. When bits C2 and C3
are both set high, the maximum current is obtained at PDout;
see Tables 2 and 3 for other values of current. To achieve a
maximum current of 2 mA, the resistor should be about
47 k
Ω when VPD is 9 V or about 18 kΩ when VPD is 5.0 V.
See Figure 14 if lower maximum current values are desired.
When the
φR and φV outputs are used, the Rx pin may be
floated.
TEST POINT PINS
TEST 1
Modulus Control Signal (Pin 9)
This pin may be used in conjunction with the Test 2 pin for
access to the on–board 64/65 prescaler. When Test 1 is low,
the prescaler divides by 65. When high, the prescaler divides
by 64.
CAUTION
This pin is an unbuffered output and must be
floated in an actual application. This pin must be
attached to an isolated pad with no trace.
TEST 2
Prescaler Output (Pin 13)
This pin may be used to access to the on–board 64/65
prescaler output.
CAUTION
This pin is an unbuffered output and
must be
floated in an actual application. This pin must be
attached to an isolated pad with no trace.
POWER SUPPLY PINS
VDD
Positive Power Supply (Pin 14)
This pin supplies power to the main CMOS digital portion
of the device. The voltage range is + 4.5 to + 5.5 V with re-
spect to the GND pin.
For optimum performance, VDD should be bypassed to
GND using a low–inductance capacitor mounted very close
to these pins. Lead lengths on the capacitor should be
minimized.
VCC
Positive Power Supply (Pin 12)
This pin supplies power to the RF amp and 64/65 pre-
scaler. The voltage range is + 4.5 to + 5.5 V with respect to
the GND pin. In the standby mode, the VCC pin still draws a
few milliamps from the power supply. This current drain can
be eliminated with the use of transistor Q1 as shown in
Figure 22.
For optimum performance, VCC should be bypassed to
GND using a low–inductance capacitor mounted very close
to these pins. Lead lengths on the capacitor should be
minimized.


Número de pieza similar - MC145201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Descripción similar - MC145201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com