Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC2836 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza MC2836
Descripción Electrónicos  SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MC2836 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MC2836 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MC2836 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MC2836 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MC2836 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
B,Nov,2014
SOT-23 Plastic-Encapsulate Diodes
MC2836 SWITCHING DIODE
FEATURES
High speed switching
Low capacitance
MARKING:A41
Electrical Characteristics @Ta=25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VF1
IF=10mA
1.0
V
VF2
IF=50mA
1.1
V
VF3
IF=100mA
1.2
V
Forward voltage
IR
VR=50V
0.1
uA
Reverse recovery time
trr
IF=10mA,VR=6V,RL=100Ω
Irr=0.1*IR
4
ns
Capacitance between terminals
CT
VR=0,f=1MHz
4
pF
SOT-23
1
2
3
A41
Maximum Ratings @Ta=25
Non-Repetitive Peak Reverse Voltage
VRM
75
V
DC Blocking Voltage
VR
50
V
Average Rectified Output Current
IO
1
50
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55
~+150
Parameter
Symbol
Limit
Unit
Thermal resistance From Junction to ambient
RθJA
℃/W
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
IFSM
2.0
A
833
Reverse current


Número de pieza similar - MC2836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC2836 ETC-MC2836 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulated Diodes
logo
TRANSYS Electronics Lim...
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
   SMALL-SIGNAL DIODE
MC2836 ISAHAYA-MC2836 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2836 ISAHAYA-MC2836_13 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results

Descripción similar - MC2836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com