Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5483C Datasheet(PDF) 1 Page - Alpha Wire

No. de pieza 5483C
Descripción Electrónicos  CUSTOMER PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPHAWIRE [Alpha Wire]
Página de inicio  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5483C Datasheet(HTML) 1 Page - Alpha Wire

  5483C Datasheet HTML 1Page - Alpha Wire 5483C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 5483C
Issue:
10
Page 1 of 1 Pages
Issue Date:
1/29/2008
Effective Date:
3/1/2008
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no
event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has been
advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or
inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A. Construction
Diameters (In)
1) Component 1
3 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Company Color Code B
Pair
Color
Pair
Color
Pair
Color
1
WHITE-BLACK
2
WHITE-BROWN
3
WHITE-RED
c)
Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
3 Components Cabled
a) Twists:
6.0 Twists/foot (min)
b) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
22 (7/30) AWG TC
4) Jacket
0.032" Wall, Nom.,PVC
0.249 (0.263 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 5483C 3PR 22 AWG
XTRAGUARD 1 XTREME PERFORMANCE FOR XTREME
ENVIRONMENTS - SHIELDED 105C (UL) TYPE CM OR AWM
2464 VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE
ROHS
<SEQ FOOTAGE>
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B. Industry Approvals
1) UL
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
AWM/STYLE 2464
80°C / 300 VRMS
CM
105°C
VW-1
2) CSA International
CMG
105°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site
for compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
5) CE:
LVD 73/23/EEC Amendment 93/68/EEC
C. Physical & Mechanical Properties
1) Temperature Range
-20 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
38 Lbs, Maximum
4) Sunlight Resistance
Yes
D. Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
27 pf/ft @1 kHz, Nominal
3) Ground Capacitance
49 pf/ft @1 kHz, Nominal


Número de pieza similar - 5483C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Wire
5483C ALPHAWIRE-5483C Datasheet
100Kb / 1P
   EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
5483C ALPHAWIRE-5483C Datasheet
53Kb / 1P
   EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
More results

Descripción similar - 5483C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Wire
B963064 ALPHAWIRE-B963064 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963114 ALPHAWIRE-B963114 Datasheet
71Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B964054 ALPHAWIRE-B964054 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86406CY ALPHAWIRE-86406CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86504CY ALPHAWIRE-86504CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86703CY ALPHAWIRE-86703CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
5902C ALPHAWIRE-5902C Datasheet
79Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com