Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA3302-5X Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza SDA3302-5X
Descripción Electrónicos  GHz PLL with I2C Bus and Four Chip Addresses
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA3302-5X Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SDA3302-5X Datasheet HTML 1Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 2Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 3Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 4Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 5Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 6Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 7Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 8Page - Siemens Semiconductor Group SDA3302-5X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Semiconductor Group
3
Circuit Description (cont’d)
P0-P2
The software-switched outputs (P0, P1, P2) can be used for direct band
selection (20-mA current output).
P4-P7
P4, P5, P6 and P7 are open-collector outputs for a variety of different
purposes. The test bit T1 = 1 switches the test signals
f
REF (4 MHz/512) and
Cy (divided input signal) to P6 and P7.
CAS
Four different chip addresses can be set by appropriate connection of pin
CAS.
I2C-Bus Interface
SCL, SDA
Data are exchanged between the processor and the PLL on the I2C bus. The
clock is produced by the processor (input SCL), while pin SDA works as an
input or output depending on the direction of the data (open collector;
external pullup resistor). Both inputs have hysteresis and a lowpass
characteristic, which enhances the noise immunity of the I2C bus.
The data from the processor are applied to an I2C bus controller and filed in
registers according to their function. When the bus is free, both lines are in
the marking state (SDA, SCL are high). Each telegram begins with a start
condition and ends with the stop condition. Start condition: SDA goes low
while SCL remains high; stop condition: SDA goes high while SCL remains
high. All further data exchanges occur while SCL is low and are accepted by
the controller with the positive clock edge.
For what follows, refer to the table of logic allocations.
All telegrams are transmitted byte by byte, followed by a ninth clock pulse,
during which the controller puts the SDA line on low (acknowledge condition).
The first byte consists of seven address bits, with which the processor
selects the PLL from a number of peripheral devices (chip select). The eighth
bit is always low. In the data portion of the telegram the first bit of the first or
third data byte determines whether a divider ratio or control information
follows. In each case the byte following the first byte must be of the same
data type (or a stop condition).
V
S, GND
When the supply voltage is applied, a power-on reset circuit prevents the PLL
from putting the SDA line on low, which would block the bus.
SDA 3302 Family


Número de pieza similar - SDA3302-5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SDA3311CDN LEIDITECH-SDA3311CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
   Low clamping voltage
SDA33CP10 LEIDITECH-SDA33CP10 Datasheet
265Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
SDA33W5 LEIDITECH-SDA33W5 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Descripción similar - SDA3302-5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
MGP3006X SIEMENS-MGP3006X Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
MGP3006X6 SIEMENS-MGP3006X6 Datasheet
444Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com