Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5S13 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SM5S13
Descripción Electrónicos  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM5S13 Datasheet(HTML) 2 Page - Vishay Siliconix

  SM5S13 Datasheet HTML 1Page - Vishay Siliconix SM5S13 Datasheet HTML 2Page - Vishay Siliconix SM5S13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM5S Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88382
2
06-May-02
Electrical Characteristics (TC = 25°C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
Device Type
Breakdown Voltage
Test Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000
µµsIPPM
(V)
VWM
ID
Tc = 175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(
µµA)
ID(
µµA)
(A)
(V)
SM5S10
11.1
13.6
5.0
10.0
15
250
191
18.8
SM5S10A
11.1
12.3
5.0
10.0
15
250
212
17.0
SM5S11
12.2
14.9
5.0
11.0
10
150
179
20.1
SM5S11A
12.2
13.5
5.0
11.0
10
150
198
18.2
SM5S12
13.3
16.3
5.0
12.0
10
150
164
22.0
SM5S12A
13.3
14.7
5.0
12.0
10
150
181
19.9
SM5S13
14.4
17.6
5.0
13.0
10
150
151
23.8
SM5S13A
14.4
15.9
5.0
13.0
10
150
167
21.5
SM5S14
15.6
19.1
5.0
14.0
10
150
140
25.8
SM5S14A
15.6
17.2
5.0
14.0
10
150
155
23.2
SM5S15
16.7
20.4
5.0
15.0
10
150
134
26.9
SM5S15A
16.7
18.5
5.0
15.0
10
150
148
24.4
SM5S16
17.8
21.8
5.0
16.0
10
150
125
28.8
SM5S16A
17.8
19.7
5.0
16.0
10
150
138
26.0
SM5S17
18.9
23.1
5.0
17.0
10
150
118
30.5
SM5S17A
18.9
20.9
5.0
17.0
10
150
130
27.6
SM5S18
20.0
24.4
5.0
18.0
10
150
112
32.2
SM5S18A
20.0
22.1
5.0
18.0
10
150
123
29.2
SM5S20
22.2
27.1
5.0
20.0
10
150
101
35.8
SM5S20A
22.2
24.5
5.0
20.0
10
150
111
32.4
SM5S22
24.4
29.8
5.0
22.0
10
150
91
39.4
SM5S22A
24.4
26.9
5.0
22.0
10
150
101
35.5
SM5S24
26.7
32.6
5.0
24.0
10
150
84
43.0
SM5S24A
26.7
29.5
5.0
24.0
10
150
93
38.9
SM5S26
28.9
35.3
5.0
26.0
10
150
77
46.6
SM5S26A
28.9
31.9
5.0
26.0
10
150
86
42.1
SM5S28
31.1
38.0
5.0
28.0
10
150
72
50.1
SM5S28A
31.1
34.4
5.0
28.0
10
150
79
45.4
SM5S30
33.3
40.7
5.0
30.0
10
150
67
53.5
SM5S30A
33.3
36.8
5.0
30.0
10
150
74
48.4
SM5S33
36.7
44.9
5.0
33.0
10
150
61
59.0
SM5S33A
36.7
40.6
5.0
33.0
10
150
68
53.3
SM5S36
40.0
48.9
5.0
36.0
10
150
56
64.3
SM5S36A
40.0
44.2
5.0
36.0
10
150
62
58.1
Note: For all types maximum VF = 2.0V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


Número de pieza similar - SM5S13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM5S13 VISHAY-SM5S13 Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S13 VISHAY-SM5S13 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shenzhen Luguang Electr...
SM5S13 LUGUANG-SM5S13 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM5S13 VISHAY-SM5S13 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM5S13A VISHAY-SM5S13A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results

Descripción similar - SM5S13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shunye Enterprise
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shunye Enterprise
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com