Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-01GL13-F-2T Datasheet(PDF) 5 Page - Omron Electronics LLC

No. de pieza SS-01GL13-F-2T
Descripción Electrónicos  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01GL13-F-2T Datasheet(HTML) 5 Page - Omron Electronics LLC

  SS-01GL13-F-2T Datasheet HTML 1Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 2Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 3Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 4Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 5Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 6Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 7Page - Omron Electronics LLC SS-01GL13-F-2T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SS
Subminiature Basic Switch
S
S
Dimensions (Unit: mm) and Operating Characteristics
The illustrations and drawings are for solder terminals models.
Refer to "Terminals/Appearances" of the previous page for details on models with quick connect terminals (#110) or PCB terminals.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
●Pin plunger
SS-10
SS-5 (-F)
SS-01 (-E, -F)
Model
Operating Characteristics
SS-10
SS-5
SS-01
SS-5-F
SS-01-F
SS-01-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
1.47 N {150 gf}
0.25 N {25 gf}
1.47 N {150 gf}
0.25 N {25 gf}
0.49 N {50 gf}
0.04 N {4 gf}
0.25 N {25 gf}
0.02 N {2 gf}
Pretravel
PT
Max.
Overtravel
OT
Min.
Movement Differential MD Max.
0.6 mm
0.4 mm
0.12 mm
0.5 mm
0.5 mm
0.1 mm
0.5 mm
0.5 mm
0.1 mm
0.5 mm
0.5 mm
0.1 mm
Operating Position
OP
8.4
±0.5 mm
2.9
OP
PT
1.6
0.5
8.8
7.3
19.8
3.2
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
7.5
2
2.5
A
5.1
●Hinge lever
SS-10GL
SS-5GL (-F)
SS-01GL (-E, -F)
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
3.6
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
14.5
2.5
A
t=0.3*
* Stainless-steel lever
0.5
Model
Operating Characteristics
SS-10GL
SS-5GL
SS-01GL
SS-5GL-F
SS-01GL-F
SS-01GL-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.49 N {50 gf}
0.06 N {6 gf}
0.16 N {16 gf}
0.02 N {2 gf}
0.08 N {8 gf}
0.01 N {1 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD Max.
1.0 mm
1.0 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
Free Position
FP
Max.
Operating Position
OP
13.6 mm
8.8
±0.8 mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.
C
NO
NC
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
3.6
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
22.6
2.5
A
t=0.3*
* Stainless-steel lever
0.5
●Long hinge lever
SS-10GL111
SS-5GL111 (-F)
SS-01GL111 (-E, -F)
Model
Operating Characteristics
SS-10GL111
SS-5GL111
SS-01GL111
SS-5GL111-F
SS-01GL111-F
SS-01GL111-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.39 N {40 gf}
0.03 N {3 gf}
0.39 N {40 gf}
0.03 N {3 gf}
0.12 N {12 gf}
0.02 N {2 gf}
(reference value)
0.06 N {6 gf}
0.003 N {0.3 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD Max.
1.2 mm
1.2 mm
1.2 mm
1.2 mm
1.2 mm
1.2 mm
1.2 mm
1.2 mm
Free Position
FP
Max.
16.8 mm
Operating Position
OP
8.8
±1.5 mm
8.8
±2 mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.


Número de pieza similar - SS-01GL13-F-2T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
SS-01GL13-F OMRON-SS-01GL13-F Datasheet
676Kb / 10P
   Snap Action Switch
SS-01GL13-FD OMRON-SS-01GL13-FD Datasheet
676Kb / 10P
   Snap Action Switch
SS-01GL13-FT OMRON-SS-01GL13-FT Datasheet
676Kb / 10P
   Snap Action Switch
More results

Descripción similar - SS-01GL13-F-2T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com