Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ210C Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza 2SJ210C
Descripción Electrónicos  P-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ210C Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ210C Datasheet HTML 1Page - Renesas Technology Corp 2SJ210C Datasheet HTML 2Page - Renesas Technology Corp 2SJ210C Datasheet HTML 3Page - Renesas Technology Corp 2SJ210C Datasheet HTML 4Page - Renesas Technology Corp 2SJ210C Datasheet HTML 5Page - Renesas Technology Corp 2SJ210C Datasheet HTML 6Page - Renesas Technology Corp 2SJ210C Datasheet HTML 7Page - Renesas Technology Corp 2SJ210C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ210C
R07DS1278EJ0200 Rev.2.00
Page 2 of 6
Jul 08, 2015
Electrical Characteristics (TA = 25
C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = -60 V, VGS = 0 V
-1
A
Gate Leakage Current
IGSS
VGS = 20 V, VDS = 0 V
10
A
Gate to Source Cut-off Voltage
VGS(off)
VDS = VGS, ID = -250
A
-1.0
-2.5
V
Forward Transfer Admittance Note
| yfs |
VDS = -10 V, ID = -100 mA
150
mS
Drain to Source On-state Resistance Note
RDS(on)1
VGS = -10 V, ID = -100 mA
1.8
2.7
RDS(on)2
VGS = -4.5 V, ID = -50 mA
2.0
3.2
Input Capacitance
Ciss
VDS = -10 V,
9
pF
Output Capacitance
Coss
VGS = 0 V,
7
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
2
pF
Turn-on Delay Time
td(on)
VDD = -10 V,
75
ns
Rise Time
tr
ID = -200 mA,
110
ns
Turn-off Delay Time
td(off)
VGS = -10 V,
900
ns
Fall Time
tf
RG = 10
400
ns
Total Gate Charge
QG
ID = -200 mA, VDD = -25 V, VGS = -10 V
2.2
nC
Body Diode Forward Voltage Note
VF(S-D)
IF = 200 mA, VGS = 0 V
0.86
V
Note
Pulsed
Test Circuit Switching Time


Número de pieza similar - 2SJ210C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SJ210 NEC-2SJ210 Datasheet
365Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
logo
Guangdong Kexin Industr...
2SJ210 KEXIN-2SJ210 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
logo
Renesas Technology Corp
2SJ210 RENESAS-2SJ210 Datasheet
343Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ210 KEXIN-2SJ210 Datasheet
998Kb / 3P
   P-Channel MOSFET
2SJ210-3 KEXIN-2SJ210-3 Datasheet
1Mb / 3P
   P-Channel MOSFET
More results

Descripción similar - 2SJ210C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPA573CT RENESAS-UPA573CT Datasheet
198Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA603CT RENESAS-UPA603CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA503CT RENESAS-UPA503CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
logo
Panasonic Semiconductor
MTM761230LBF PANASONIC-MTM761230LBF Datasheet
429Kb / 7P
   Silicon P-channel MOSFET For Switching
MTM231230L PANASONIC-MTM231230L Datasheet
388Kb / 7P
   Silicon P-channel MOSFET For Switching
logo
Renesas Technology Corp
PA2592T1H RENESAS-PA2592T1H_15 Datasheet
324Kb / 13P
   N- AND P-CHANNEL MOSFET FOR SWITCHING
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com