Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS-10GL02D-T Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
SS-10GL02D-T Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 8 page 2 SS Subminiature Basic Switch S S Ratings 10.1 A 5 A 0.1 A Actuator Terminals Contact Form Maximum Operating Force (OF) Hinge lever Solder terminals SPDT 0.49 N {50 gf} SS-10GL SS-5GL SS-01GL SPST-NC SS-10GL-2 SS-5GL-2 SS-01GL-2 SPST-NO SS-10GL-3 SS-5GL-3 SS-01GL-3 Quick-connect terminals (#110) SPDT SS-10GLT SS-5GLT SS-01GLT SPST-NC SS-10GL-2T SS-5GL-2T SS-01GL-2T SPST-NO SS-10GL-3T SS-5GL-3T SS-01GL-3T PCB terminals SPDT SS-10GLD SS-5GLD SS-01GLD SPST-NC SS-10GL-2D SS-5GL-2D SS-01GL-2D SPST-NO SS-10GL-3D SS-5GL-3D SS-01GL-3D Solder terminals SPDT 0.16 N {16 gf} - SS-5GL-F SS-01GL-F SPST-NC - SS-5GL-F-2 SS-01GL-F-2 SPST-NO - SS-5GL-F-3 SS-01GL-F-3 Quick-connect terminals (#110) SPDT - SS-5GL-FT SS-01GL-FT SPST-NC - SS-5GL-F-2T SS-01GL-F-2T SPST-NO - SS-5GL-F-3T SS-01GL-F-3T PCB terminals SPDT - SS-5GL-FD SS-01GL-FD SPST-NC - SS-5GL-F-2D SS-01GL-F-2D SPST-NO - SS-5GL-F-3D SS-01GL-F-3D Solder terminals SPDT 0.08 N {8 gf} - - SS-01GL-E SPST-NC - - SS-01GL-E-2 SPST-NO - - SS-01GL-E-3 Quick-connect terminals (#110) SPDT - - SS-01GL-ET SPST-NC - - SS-01GL-E-2T SPST-NO - - SS-01GL-E-3T PCB terminals SPDT - - SS-01GL-ED SPST-NC - - SS-01GL-E-2D SPST-NO - - SS-01GL-E-3D Long hinge lever Solder terminals SPDT 0.39 N {40 gf} SS-10GL111 SS-5GL111 SS-01GL111 SPST-NC SS-10GL111-2 SS-5GL111-2 SS-01GL111-2 SPST-NO SS-10GL111-3 SS-5GL111-3 SS-01GL111-3 Quick-connect terminals (#110) SPDT SS-10GL111T SS-5GL111T SS-01GL111T SPST-NC SS-10GL111-2T SS-5GL111-2T SS-01GL111-2T SPST-NO SS-10GL111-3T SS-5GL111-3T SS-01GL111-3T PCB terminals SPDT SS-10GL111D SS-5GL111D SS-01GL111D SPST-NC SS-10GL111-2D SS-5GL111-2D SS-01GL111-2D SPST-NO SS-10GL111-3D SS-5GL111-3D SS-01GL111-3D Solder terminals SPDT 0.12 N {12 gf} - SS-5GL111-F SS-01GL111-F SPST-NC - SS-5GL111-F-2 SS-01GL111-F-2 SPST-NO - SS-5GL111-F-3 SS-01GL111-F-3 Quick-connect terminals (#110) SPDT - SS-5GL111-FT SS-01GL111-FT SPST-NC - SS-5GL111-F-2T SS-01GL111-F-2T SPST-NO - SS-5GL111-F-3T SS-01GL111-F-3T PCB terminals SPDT - SS-5GL111-FD SS-01GL111FD SPST-NC - SS-5GL111-F-2D SS-01GL111-F-2D SPST-NO - SS-5GL111-F-3D SS-01GL111-F-3D Solder terminals SPDT 0.06 N {6 gf} - - SS-01GL111-E SPST-NC - - SS-01GL111-E-2 SPST-NO - - SS-01GL111-E-3 Quick-connect terminals (#110) SPDT - - SS-01GL111-ET SPST-NC - - SS-01GL111-E-2T SPST-NO - - SS-01GL111-E-3T PCB terminals SPDT - - SS-01GL111-ED SPST-NC - - SS-01GL111-E-2D SPST-NO - - SS-01GL111-E-3D Simulated roller lever Solder terminals SPDT 0.49 N {50 gf} SS-10GL13 SS-5GL13 SS-01GL13 SPST-NC SS-10GL13-2 SS-5GL13-2 SS-01GL13-2 SPST-NO SS-10GL13-3 SS-5GL13-3 SS-01GL13-3 Quick-connect terminals (#110) SPDT SS-10GL13T SS-5GL13T SS-01GL13T SPST-NC SS-10GL13-2T SS-5GL13-2T SS-01GL13-2T SPST-NO SS-10GL13-3T SS-5GL13-3T SS-01GL13-3T PCB terminals SPDT SS-10GL13D SS-5GL13D SS-01GL13D SPST-NC SS-10GL13-2D SS-5GL13-2D SS-01GL13-2D SPST-NO SS-10GL13-3D SS-5GL13-3D SS-01GL13-3D Solder terminals SPDT 0.16 N {16 gf} - SS-5GL13-F SS-01GL13-F SPST-NC - SS-5GL13-F-2 SS-01GL13-F-2 SPST-NO - SS-5GL13-F-3 SS-01GL13-F-3 Quick-connect terminals (#110) SPDT - SS-5GL13-FT SS-01GL13-FT SPST-NC - SS-5GL13-F-2T SS-01GL13-F-2T SPST-NO - SS-5GL13-F-3T SS-01GL13-F-3T PCB terminals SPDT - SS-5GL13-FD SS-01GL13-FD SPST-NC - SS-5GL13-F-2D SS-01GL13-F-2D SPST-NO - SS-5GL13-F-3D SS-01GL13-F-3D Solder terminals SPDT 0.08 N {8 gf} - - SS-01GL13-E SPST-NC - - SS-01GL13-E-2 SPST-NO - - SS-01GL13-E-3 Quick-connect terminals (#110) SPDT - - SS-01GL13-ET SPST-NC - - SS-01GL13-E-2T SPST-NO - - SS-01GL13-E-3T PCB terminals SPDT - - SS-01GL13-ED SPST-NC - - SS-01GL13-E-2D SPST-NO - - SS-01GL13-E-3D Separator (Sold Separately), Terminal Connector (Sold Separately) Refer to "Basic Switch Common Accessories" |
Número de pieza similar - SS-10GL02D-T |
|
Descripción similar - SS-10GL02D-T |