Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF40DM229 Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza IRF40DM229
Descripción Electrónicos  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF40DM229 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRF40DM229 Datasheet HTML 4Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 5Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 6Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 7Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 8Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 9Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 10Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 11Page - Infineon Technologies AG IRF40DM229 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
 
IRF40DM229
10
2016-3-2
DirectFET™ Outline Dimension, MF Outline
(Medium Size Can, E-Designation)
Please see DirectFET
™ application note AN-1035 for all details regarding the assembly of DirectFET™. This includes all
recommendations for stencil and substrate designs.
DirectFET™ Part Marking
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Dimensions are shown in
millimeters (inches)
CODE
A
B
C
D
E
F
G
H
J
L
0.017
0.085
0.156
0.044
0.018
0.024
MAX
0.250
0.38
2.035
3.85
1.08
0.35
0.58
MIN
6.25
4.80
0.42
2.165
3.95
1.12
0.45
0.62
MAX
6.35
5.05
0.015
0.080
0.152
0.043
0.023
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
0.93
0.97
1.28
1.32
0.038
0.037
0.052
0.050
J1
0.023
0.62
0.58
0.024
0.033
0.965
0.835
0.038
K
0.199
M
P
0.028
0.007
0.59
0.08
0.70
0.17
0.023
0.003
N
0.02
0.08
0.0008
0.003
PART NUMBER
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
GATE MARKING
LOGO


Número de pieza similar - IRF40DM229

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
IRF400 ETC-IRF400 Datasheet
84Kb / 2P
   50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
International Rectifier
IRF4000 IRF-IRF4000 Datasheet
573Kb / 7P
   IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment
IRF40B207 IRF-IRF40B207 Datasheet
545Kb / 10P
   Brushed Motor drive applications
logo
Inchange Semiconductor ...
IRF40B207 ISC-IRF40B207 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF40B207 IRF-IRF40B207_15 Datasheet
545Kb / 10P
   Brushed Motor drive applications
More results

Descripción similar - IRF40DM229

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com