Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT812TTBI-T Datasheet(PDF) 6 Page - Catalyst Semiconductor |
|
CAT812TTBI-T Datasheet(HTML) 6 Page - Catalyst Semiconductor |
6 / 11 page 6 CAT811, CAT812 Doc. No. 3005, Rev. P Patent Pending TYPICAL OPERATING CHARACTERISTICS VCC = Full range, TA = -40˚C to +85˚C unless otherwise noted. Typical values at TA = +25˚C and VCC = 5 V for L/M/J versions, VCC=3.3 V for T/S versions, VCC = 3 V for R version and VCC = 2.5 V for Z version. SUPPLY CURRENT VS. TEMPERATURE (NO LOAD, CAT8xxR/S/T/Z) 12 10 8 6 4 2 0 -50 0 50 100 150 TEMPERATURE (˚C) POWER-DOWN RESET DELAY VS. TEMPERATURE (CAT8xxR/S/T/Z) 14 12 10 8 6 4 2 0 TEMPERATURE (˚C) POWER-UP RESET TIMEOUT VS. TEMPERATURE 260 240 220 200 180 160 TEMPERATURE (˚C) NORMALIZED RESET THRESHOLD VS. TEMPERATURE 1.0002 1 0.9998 0.9996 0.9994 0.9992 0.999 0.9988 0 20 40 60 80 100 120 TEMPERATURE (˚C) VCC=3.6V VCC=5.5V -50 0 50 100 150 VCC=5V VCC=2.5V -50 0 50 100 150 |
Número de pieza similar - CAT812TTBI-T |
|
Descripción similar - CAT812TTBI-T |