Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

COP884BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. COP884BC
Descripción  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
Descarga  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

COP884BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)6V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
90 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65˚C to +150˚C
Note 2: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics COP884BC:
−40˚C
≤ T
A ≤ +85˚C
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current
CKI = 10 MHz (Note 4)
V
CC = 5.5V, tc =1µs
15
mA
HALT Current (Notes 5, 6)
V
CC = 5.5V, CKI=0MHz
Power-On Reset Enabled
<300
480
µA
Power-On Reset Disabled
<250
380
µA
IDLE Current (Note 6)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
5.5
mA
Input Levels (V
IH,VIL)
Reset, CKI
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
±2µA
Input Pull-up Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
(Notes 9, 10)
0.05 V
CC
V
Output Current Levels D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
Comparator Output (L2, L6)
Source (Push-Pull)
V
CC = 4.5V, VOH = 3.3V
−1.6
mA
Sink (Push-Pull)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
CAN Transmitter Outputs
Source (Tx1)
V
CC = 4.5V, VOH =VCC − 0.1V
−1.5
mA
V
CC = 4.5V, VOH =VCC − 0.6V
−10
mA
Sink (Tx0)
V
CC = 4.5V, VOL = 0.1V
1.5
mA
V
CC = 4.5V, VOL = 0.6V
10
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 2.7V
−10
−110
µA
Source (Push-Pull)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
TRl-STATE Leakage
V
CC = 5.5V
±2.0
µA
Allowable Sink/Source Current per
Pin
D Outputs (Sink)
15
mA
Tx0 (Sink) (Note 10)
30
mA
Tx1 (Source) (Note 10)
All Other
30
3
mA
mA
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
COP888EB8-Bit CMOS ROM Based Microcontrollers with 8k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8FG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SGR728M88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888FH8-Bit CMOS ROM Based Microcontrollers with 12k Memory Comparators USART and Hardware Multiply/Divide 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SGE7HLQ88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP87L84BC8-Bit CMOS OTP Microcontrollers with 16k Memory Comparators and CAN Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888XG8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8ACC8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn