Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COP884BC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP884BC
Descripción Electrónicos  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884BC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP884BC Datasheet HTML 6Page - National Semiconductor (TI) COP884BC Datasheet HTML 7Page - National Semiconductor (TI) COP884BC Datasheet HTML 8Page - National Semiconductor (TI) COP884BC Datasheet HTML 9Page - National Semiconductor (TI) COP884BC Datasheet HTML 10Page - National Semiconductor (TI) COP884BC Datasheet HTML 11Page - National Semiconductor (TI) COP884BC Datasheet HTML 12Page - National Semiconductor (TI) COP884BC Datasheet HTML 13Page - National Semiconductor (TI) COP884BC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Typical Performance Characteristics −55˚C ≤ T
A ≤ +125˚C (Continued)
Pin Descriptions
V
CC and GND are the power supply pins.
CKI is the clock input. The clock can come from a crystal os-
cillator (in conjunction with CKO). See Oscillator Description
section.
RESET is the master reset input. See Reset Description sec-
tion.
The device contains one bidirectional 8-bit I/O port (G), and
one 7-bit bidirectional I/O port (L) where each individual bit
may be independently configured as an input (Schmitt trig-
ger inputs on ports G and L), output or TRI-STATE® under
program control. Three data memory address locations are
allocated for each of these I/O ports. Each I/O port has two
associated 8-bit memory mapped registers, the CONFIGU-
RATION register and the output DATA register. A memory
mapped address is also reserved for the input pins of each
I/O port. (See the memory map for the various addresses as-
sociated with the I/O ports.)
Figure 5 shows the I/O port con-
figurations for the device. The DATA and CONFIGURATION
registers allow for each port bit to be individually configured
under software control as shown below:
Configuration
Data
Port Set-Up
Register
Register
0
0
Hi-Z Input (TRI-STATE
Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
PORT L is a 7-bit I/O port. All L-pins have Schmitt triggers on
the inputs.
Port L supports Multi-Input Wake Up (MIWU) on all seven
pins.
Port L has the following alternate features:
L6 MIWU or CMP2OUT or PWM0 or CAPTIN
L5 MIWU or CMP2IN− or PWM1
L4 MIWU or CMP2IN+
L3 MIWU or CMP2IN−
L2 MIWU or CMP1OUT
L1 MIWU or CMP1IN−
L0 MIWU or CMP1IN+
Port G is an 8-bit port with 5 I/O pins (G0–G5), an input pin
(G6), and one dedicated output pin (G7). Pins G0–G6 all
have Schmitt Triggers on their inputs. G7 serves as the dedi-
cated output pin for the CKO clock output. There are two reg-
Idle I
DD vs VCC
DS012067-45
Halt Supply Current
DS012067-46
CAN Tx0 Sink Current
DS012067-47
CAN Tx1 Source Current
DS012067-48
www.national.com
10


Número de pieza similar - COP884BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP884CF NSC-COP884CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP884CG NSC-COP884CG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Texas Instruments
COP884CG TI1-COP884CG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884CG-XXX/N NSC-COP884CG-XXX/N Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Descripción similar - COP884BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
   8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com