Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM-343-H Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

No. de pieza MCM-343-H
Descripción Electrónicos  MODULES FOR STEPPER MOTORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Página de inicio  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

MCM-343-H Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button MCM-343-H Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. MCM-343-H Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TMCM-343 Hardware Manual (V1.07 / 2011-JUN-08)
7
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
5 Electrical and mechanical interfacing
5.1 Dimensions
The 68 pin connector has a 2.0mm pitch.
80
76
4
2.2
1.2
50 46
39.1
36.9
24.4
21.9
4
4
10
R1.25
R1.1
R1.6
5.4
9.2
Figure 5.1: Front view of TMCM-343 (all values in mm)
53
6.7
50
Horizontal
connector
50
Header
connector
9.7
Figure 5.2: Ordering options for the connector (all values in mm)


Número de pieza similar - MCM-343-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRINAMIC Motion Control...
MCM-351-E TRINAMIC-MCM-351-E Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
More results

Descripción similar - MCM-343-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRINAMIC Motion Control...
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com