Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK12C68-CF25M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza STK12C68-CF25M
Descripción Electrónicos  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-CF25M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK12C68-CF25M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STK12C68
October 2003
5
Document Control # ML0008 rev 0.4
HARDWARE MODE SELECTION
Note m: HSB STORE operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the STORE (if any) completes,
the part will go into standby mode, inhibiting all operations until HSB rises.
Note n: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note o: I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
HARDWARE STORE CYCLE
(VCC = 5.0V ± 10%)e
Note p: E and G low for output behavior.
Note q: E and G low and W high for output behavior.
Note r:
tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
E
W
HSB
A12 - A0 (hex)
MODE
I/O
POWER
NOTES
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
o
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile
STORE
Output High Z
lCC
2
m
LH
H
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
lCC
2
n, o
LH
H
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
n, o
NO.
SYMBOLS
PARAMETER
STK12C68
UNITS NOTES
Standard
Alternate
MIN
MAX
22
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
i, p
23
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µsi, q
24
tRECOVER
tHHQX
Hardware STORE High to Inhibit Off
700
ns
p, r
25
tHLHX
Hardware STORE Pulse Width
15
ns
26
tHLBL
Hardware STORE Low to Store Busy
300
ns
DATA VALID
HSB (IN)
DATA VALID
25
tHLHX
23
tDELAY
22
tSTORE
24
tRECOVER
HSB (OUT)
HIGH IMPEDANCE
26
tHLBL
HIGH IMPEDANCE
DQ (DATA OUT)


Número de pieza similar - STK12C68-CF25M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK12C68-CF25 SIMTEK-STK12C68-CF25 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25I SIMTEK-STK12C68-CF25I Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25ITR SIMTEK-STK12C68-CF25ITR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25TR SIMTEK-STK12C68-CF25TR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
More results

Descripción similar - STK12C68-CF25M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com