Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG3402L-13 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMG3402L-13
Descripción Electrónicos  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3402L-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG3402L-13 Datasheet HTML 1Page - Diodes Incorporated DMG3402L-13 Datasheet HTML 2Page - Diodes Incorporated DMG3402L-13 Datasheet HTML 3Page - Diodes Incorporated DMG3402L-13 Datasheet HTML 4Page - Diodes Incorporated DMG3402L-13 Datasheet HTML 5Page - Diodes Incorporated DMG3402L-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMG3402L
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
-50
-25
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1,000
f = 1MHz
0
5
10
15
20
25
30
Ciss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
12
V
= 15V
I =A
DS
D
4
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 SOA, Safe Operation Area
P = 100ms
W
DC
P = 1s
W
P = 1ms
W
P = 10ms
W
P = 10s
W
0.01
0.1
1
10
100
0.1
1
10
100
P = 100µs
W
T
= 150°C
J(max)
T = 25°C
A
V
=10V
GS
Single Pulse
DUT on 1 * MRP Board
Rds(on)
Limited
DMG3402L
Document number: DS36077 Rev. 3 - 2
4 of 6
www.diodes.com
August 2014
© Diodes Incorporated


Número de pieza similar - DMG3402L-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG3402L-13 DIODES-DMG3402L-13 Datasheet
290Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Descripción similar - DMG3402L-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com