Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF210-S Datasheet(PDF) 5 Page - LEM

No. de pieza LF210-S
Descripción Electrónicos  Current transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEM [LEM]
Página de inicio  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF210-S Datasheet(HTML) 5 Page - LEM

  LF210-S Datasheet HTML 1Page - LEM LF210-S Datasheet HTML 2Page - LEM LF210-S Datasheet HTML 3Page - LEM LF210-S Datasheet HTML 4Page - LEM LF210-S Datasheet HTML 5Page - LEM LF210-S Datasheet HTML 6Page - LEM LF210-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5/7
26October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 210-S
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
Ip (A)
200 A, 73 Ω
200 A, 102 Ω
Rmax Uc= 11.4 V @ 70 °C
Rmax Uc= 14.25 V @ 70 °C
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
−5
10
−4
10
−3
10
−2
10
−1
fc (Hz)
Total RMS noise current in the frequency range [1...10] MHz
Figure 1: Maximum measuring resistance
I
P
R
M max = NS
R
S max− 4.1 Ω
U
C min − 0.3 V
×
Figure 3: Typical noise voltage density e
no
with R
M = 10 Ω
Figure 4: Typical total output current noise with
(primary referred, rms) with R
M = 10 Ω
To calculate the noise in a frequency band f
1 to f2, the formula
is:
with I
no (f) read from figure 4 (typical, rms value).
Example:
What is the noise from 103 to 106 Hz?
Figure 4 gives I
no (10
3
Hz) = 3.19 mA and I
no (10
6
Hz) = 84.4mA.
The output current noise (rms) is therefore:
I
no (f1 … f2) =
I
no (f2)
2
− I
no (f2)
2
(46.77 × 10−3)2 − (3.11 × 10−3)2 = 46.67 mA referred to primary
Figure 2: Typical step response (0 to 200 A, 75 A/µs R
M = 10 Ω)
Typical performance characteristics
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
−165
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
fc (Hz)
Noise Voltage Spectral Density
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
Ip(A)
200 A, 72Ω
200 A, 100 Ω
200 A, 23 Ω
Rmax Uc= 11.4 V @ 85 °C
Rmax Uc= 14.25 V @ 85 °C
Rmin Uc= 15.75 V @ 85 °C
0
10
20
30
40
50
60
70
Time (µs)
Input 100 A /div
Output 50 mA/div


Número de pieza similar - LF210-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LF2108A LINER-LF2108A Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD LINER-LF2108AD Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108AD/883B LINER-LF2108AD/883B Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D LINER-LF2108D Datasheet
132Kb / 2P
   Operational Amplifiers
LF2108D/883B LINER-LF2108D/883B Datasheet
132Kb / 2P
   Operational Amplifiers
More results

Descripción similar - LF210-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com