Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10319 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC10319
Descripción Electrónicos  High Speed8-Bit Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10319 Datasheet(HTML) 1 Page - Motorola, Inc

  MC10319 Datasheet HTML 1Page - Motorola, Inc MC10319 Datasheet HTML 2Page - Motorola, Inc MC10319 Datasheet HTML 3Page - Motorola, Inc MC10319 Datasheet HTML 4Page - Motorola, Inc MC10319 Datasheet HTML 5Page - Motorola, Inc MC10319 Datasheet HTML 6Page - Motorola, Inc MC10319 Datasheet HTML 7Page - Motorola, Inc MC10319 Datasheet HTML 8Page - Motorola, Inc MC10319 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Device
Operating
Temperature Range
Package
MC10319
SEMICONDUCTOR
TECHNICAL DATA
HIGH SPEED
8–BIT ANALOG–TO–DIGITAL
FLASH CONVERTER
ORDERING INFORMATION
MC10319DW
MC10319P
TA = 0° to +70°C
SO–28L
Plastic
PIN CONNECTIONS
(P only)
Order this document from Analog Marketing
P SUFFIX
PLASTIC PACKAGE
CASE 709
DW SUFFIX
PLASTIC PACKAGE
CASE 751F
(SO–28L)
16
15
17
18
GND
VCC(D)
D1
D2
D3
D4
12
11
10
9
8
7
VCC(D)
GND
VCC(A)
VIN
VEE
14
13
CLOCK
EN
EN
D0
GND
VRT
VRB
21
19
20
22
24
23
D5
D6
OVER–
RANGE
VRM
GND
4
6
5
D7
3
1
2
1
MOTOROLA ANALOG IC DEVICE DATA
High Speed 8-Bit
Analog-to-Digital Converter
The MC10319 is an 8–bit high speed parallel flash A/D converter. The
device employs an internal Grey Code structure to eliminate large output
errors on fast slewing input signals. It is fully TTL compatible, requiring a
+ 5.0 V supply and a wide tolerance negative supply of – 3.0 to – 6.0 V.
Three–state TTL outputs allow direct drive of a data bus or common I/O
memory.
The MC10319 contains 256 parallel comparators across a precision input
reference network. The comparator outputs are fed to latches and then to an
encoder network, to produce an 8–bit data byte plus an overrange bit. The
data is latched and converted to 3–state LS–TTL outputs. The overrange bit
is always active to allow for either sensing of the overrange condition or ease
of interconnecting a pair of devices to produce a 9–bit A/D converter.
Applications include video display and radar processing, high speed
instrumentation and TV broadcast encoding.
Internal Grey Code for Speed and Accuracy, Binary Outputs
8–Bit Resolution/9–Bit Typical Accuracy
Easily Interconnected for 9–Bit Conversion
3–State LS–TTL Outputs with True/Complement Enable Inputs
25 MHz Sampling Rate
Wide Input Range: 1.0 to 2.0 Vpp, between ± 2.0 V
Low Input Capacitance: 50 pF
Low Power Dissipation: 618 mW
No Sample/Hold Required for Video Bandwidth Signals
Single Clock Cycle Conversion
Representative Block Diagram
VRM
(1)
VRB
(23)
VRT
(24)
Vin
(14)
VEE
(13)
VCC(A)
(15)
Clock
(18)
Bias
MC10319
Bias
256
Comparators
(19)
Enable
D1 (10)
Differential
Latch
Array
Output
Latches
and
ECL–TTL
Converters
Grey Code
Translator
D6 (5)
D7 (4)
(20)
Enable
D5 (6)
D2 (9)
D3 (8)
D4 (7)
D0 (21)
Over–
Range
(3)
Logic
VCC(D)
(11, 17)
GND
(2, 12,
16, 22)
Analog
Input
© Motorola, Inc. 1996
Rev 0


Número de pieza similar - MC10319

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   Low voltage coefficient
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
GUANGDONG MISUN TECHNOL...
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-100M1 FPE-MC1030-100M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-150M1 FPE-MC1030-150M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Descripción similar - MC10319

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com