Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

COP8SE Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. COP8SE
Descripción  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
Descarga  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

COP8SE Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Connection Diagrams (Continued)
Pinouts for 16-, and 20-Pin Packages
Port
Type
Alt. Fun
20-Pin SO
16-Pin SO
L0
I/O
MIWU
7
7
L1
I/O
MIWU
8
8
L2
I/O
MIWU
9
9
L3
I/O
MIWU
10
10
L4
I/O
MIWU
11
L5
I/O
MIWU
12
L6
I/O
MIWU
13
L7
I/O
MIWU
14
G0
I/O
INT
17
13
G1
I/O
WDOUT*
18
14
G2
I/O
T1B
19
15
G3
I/O
T1A
20
16
G4
I/O
SO
1
1
G5
I/O
SK
2
2
G6
I
SI
3
3
G7
I
CKO
4
4
D0
O
D1
O
D2
O
D3
O
F0
I/O
F1
I/O
F2
I/O
F3
I/O
V
CC
66
GND
15
11
CKI
I
5
5
RESET
I16
12
* G1 operation as WDOUT is controlled by Mask Option.
2.1 Ordering Information
DS100973-8
FIGURE 3. Part Numbering Scheme
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
COP8ACC8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8FG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SGR728M88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SGE7HLQ88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SA8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory Power On Reset and Very Small Packaging 1 2 3 4 5 MoreNational Semiconductor (TI)
COP884BC8-Bit CMOS ROM Based Microcontrollers with 2k Memory Comparators and CAN Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888CF8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888EB8-Bit CMOS ROM Based Microcontrollers with 8k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888EK8-Bit CMOS ROM Based Microcontrollers with 8k Memory Comparator and Single-slope A/D Capability 1 2 3 4 5 MoreNational Semiconductor (TI)