Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COP8SE Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
COP8SE Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 47 page Absolute Maximum Ratings (Note 14) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC)7V Voltage at Any Pin −0.3V to V CC +0.3V Total Current into V CC Pin (Source) 80 mA Total Current out of GND Pin (Sink) 100 mA Storage Temperature Range −65˚C to +150˚C ESD Protection Level 2kV (Human Body Model) ESD Protection Level (CKI pin) 150 V (Machine Model) Note 14: Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not ensured when operating the device at absolute maximum ratings. Note 15: The COP8SER7 is for Engineering Development purpose only and is not recommended for production or pre-production use. DC Electrical Characteristics (SEC5 only) −40˚C ≤ T A ≤ +135˚C unless otherwise specified. Parameter Conditions Min Typ Max Units Operating Voltage 4.5 5.5 V Power Supply Rise Time 10 50 x 10 6 ns Power Supply Ripple (Note 17) Peak-to-Peak 0.1 V cc V Supply Current (Note 18) CKI = 10 MHz V CC = 5.5V, tC =1µs 8 mA HALT Current (Note 19) V CC = 5.5V, CKI = 0 MHz 15 50 µA IDLE Current (Note 18) CKI = 10 MHz V CC = 5.5V, tC =1µs 2 mA Input Levels (V IH,VIL) RESET Logic High 0.8 V cc V Logic Low 0.2 V cc V CKI, All Other Inputs Logic High 0.7 V cc V Logic Low 0.2 V cc V Hi-Z Input Leakage V CC = 5.5V −5 +5 µA Input Pullup Current V CC = 5.5V, VIN = 0V −35 −400 µA G and L Port Input Hysteresis V CC = 5.5V 0.25 V cc V Output Current Levels Source (Weak Pull-Up Mode) V CC = 4.5V, VOH = 2.7V −9.0 −140 µA Source (Push-Pull Mode) V CC = 4.5V, VOH = 3.3V −0.4 mA Sink (Push-Pull Mode) V CC = 4.5V, VOL = 0.4V 1.6 mA TRI-STATE Leakage V CC = 5.5V −5 +5 µA Allowable Sink Current per Pin (Note 22) Maximum Input Current without Latchup (Note 20) Room Temp. ±200 mA RAM Retention Voltage, Vr 2.0 V V CC Rise Time from a VCC ≥ 2.0V (Note 23) 6 µs Input Capacitance (Note 22) 7 pF EERAM Number of Write Cycles (Note 22) 10 5 cycles EERAM Data Retention (Note 22) 10 years www.national.com 8 |
Número de pieza similar - COP8SE |
|
Descripción similar - COP8SE |