Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSC08B00680KGPA Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza CSC08B00680KGPA
Descripción Electrónicos  Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC08B00680KGPA Datasheet(HTML) 5 Page - Vishay Siliconix

  CSC08B00680KGPA Datasheet HTML 1Page - Vishay Siliconix CSC08B00680KGPA Datasheet HTML 2Page - Vishay Siliconix CSC08B00680KGPA Datasheet HTML 3Page - Vishay Siliconix CSC08B00680KGPA Datasheet HTML 4Page - Vishay Siliconix CSC08B00680KGPA Datasheet HTML 5Page - Vishay Siliconix CSC08B00680KGPA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CSC
www.vishay.com
Vishay Dale
Revision: 03-May-13
5
Document Number: 31509
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT APPLICATIONS
01 Schematic
Bussed
The CSCxxx01 single-in-line resistor networks provide the user with
nominally equal resistors, each connected to a common pin (pin no. 1).
Commonly used in the following applications:
• “Wired OR” pull-up
• Open collector pull-up
• Power gate pull-up
• TTL input pull-down
• MOS/ROM pull-up/pull-down
• TTL unused gate pull-up
* “A” profile standard, “B” profile available.
03 Schematic
Isolated
The CSCxxx03 single-in-line resistor networks provide the user with
nominally equal resistors. Each resistor is isolated from all others.
Commonly used in the following applications:
• “Wired OR” pull-up
• Long-line impedance balancing
• Power driven pull-up
• LED current limiting
• Power gate pull-up
• ECL output pull-down
• Line termination
• TTL input pull-down
* “A” Profile standard, “B” profile available.
05 Schematic
Dual Terminator
The CSCxxx05 circuits contain series pairs of resistors. Each series
pair is connected between two common lines. The junction of these
resistor pairs is connected to the input terminals. The 05 circuits are
designed for TTL dual-line termination and pulse squaring.
* “A” profile standard, “B” profile available.
PERFORMANCE
TEST
CONDITIONS
MAX.
R (TYPICAL TEST LOTS)
Thermal shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
R
Short time overload
2.5 x rated working voltage, 5 s
± 0.25 %
R
Low temperature operation
45 min at full rated working voltage at - 65 °C
± 0.25 %
R
Moisture resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 1.00 %
R
Resistance to soldering heat
Leads immersed in + 350 °C solder to within 1/16" of body for 3 s
± 0.25 %
R
Shock
Total of 18 shocks at 100 g's
± 0.25 %
R
Vibration
12 h at maximum of 20 g's between 10 Hz and 2000 Hz
± 0.25 %
R
Load life
1000 h at + 70 °C, rated power applied 1.5 h “ON”, 0.5 h “OFF” for full
1000 h period. Derated according to the curve.
± 1.00 %
R
Terminal strength
4.5 pound pull for 30 s
± 0.25 %
R
Insulation resistance
10 000 M
 (minimum)
-
Dielectric withstanding voltage
No evidence of arcing or damage (200 VRMS for 1 min)
-
1
2
3
n-1
n
1
2
3
4
n-1
n
1
2
3
n-1
n
R1
R2


Número de pieza similar - CSC08B00680KGPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CSC08B VISHAY-CSC08B Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC08B VISHAY-CSC08B Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Descripción similar - CSC08B00680KGPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com