Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1331-087LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

No. de pieza SMP1331-087LF
Descripción Electrónicos  45 W Surface Mount Series Connected PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1331-087LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1331-087LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1331-087LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SMP1331-087LF: 45 W SURFACE MOUNT SERIES CONNECTED PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
June 8, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203589A
ts651
22 nH
22 nH
IF = 50 mA
50
Ω
Term
50
Ω
Term
SMP 1331 -087LF
100 pF
100 pF
100 pF
100 pF
Figure 5. SMP1331-087LF Bias Schematic
Table 3. Evaluation Board Bill of Materials for EN33-D515-01_V3
Component
Value
Size
QTY
Manufacturer
Mfg. Part Number
Characteristics
C
100 pF
0402
4
Murata
GRM1555C1H101JZ01
5% C0G 50 V
L
22 nH
0402
2
Murata
HK100522NJ-T
5%
Table 4. Typical RF Performance @ 25 °C, f = 2.6 GHz, IF = 50 mA
Parameter
Typical
Units
Insertion loss
0.35
dB
Return loss
16
dB
Isolation
12.2
dB
Max power (IF = 100 mA)
+47
dBm


Número de pieza similar - SMP1331-087LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1331-085LF SKYWORKS-SMP1331-085LF Datasheet
1,014Kb / 10P
   50 W Surface Mount Shunt Connected PIN Diode
More results

Descripción similar - SMP1331-087LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1331-085LF SKYWORKS-SMP1331-085LF Datasheet
1,014Kb / 10P
   50 W Surface Mount Shunt Connected PIN Diode
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com