Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HB56SW3272ESK-5 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza HB56SW3272ESK-5
Descripción Electrónicos  256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB56SW3272ESK-5 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HB56SW3272ESK-5 Datasheet HTML 1Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 2Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 3Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 4Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 5Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 6Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 7Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 8Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
HB56SW3272ESK-5/6
5
Presence Detect Pin Assignment (Controlled by PDE pin)
PDE = Low
PDE = High
Pin name
Pin No.
50 ns
60ns
All
PD1
79
1
1
High-Z
PD2
163
0
0
High-Z
PD3
80
0
0
High-Z
PD4
164
0
0
High-Z
PD5
81
1
1
High-Z
PD6
165
0
1
High-Z
PD7
82
0
1
High-Z
PD8
166
0
0
High-Z
Note: 1: High level (driver output). 0: Low level (driver output)


Número de pieza similar - HB56SW3272ESK-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB56UW1673E-5F ELPIDA-HB56UW1673E-5F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-6F ELPIDA-HB56UW1673E-6F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW3272ETK-5F ELPIDA-HB56UW3272ETK-5F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HB56UW3272ETK-6F ELPIDA-HB56UW3272ETK-6F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
More results

Descripción similar - HB56SW3272ESK-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB56UW3272ETK-F ELPIDA-HB56UW3272ETK-F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HB56UW873E-F ELPIDA-HB56UW873E-F Datasheet
214Kb / 27P
   64MB Buffered EDO DRAM DIMM 8-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Siemens Semiconductor G...
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
logo
Hitachi Semiconductor
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Siemens Semiconductor G...
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com