Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN33D8LT Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMN33D8LT
Descripción Electrónicos  Small Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN33D8LT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN33D8LT Datasheet HTML 1Page - Diodes Incorporated DMN33D8LT Datasheet HTML 2Page - Diodes Incorporated DMN33D8LT Datasheet HTML 3Page - Diodes Incorporated DMN33D8LT Datasheet HTML 4Page - Diodes Incorporated DMN33D8LT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMN33D8LT
Document number: DS37091 Rev. 2 - 2
1 of 5
www.diodes.com
July 2014
© Diodes Incorporated
DMN33D8LT
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
30V
5 Ω @ VGS = 4V
200 mA
7 Ω @ VGS = 2.5V
115 mA
Description
This new generation MOSFET has been designed to minimize the
on-state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
DC-DC Converters
Power Management Functions
Battery Operated Systems and Solid-State Relays
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc
Features
N-Channel MOSFET
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Small Surface Mount Package
ESD Protected Gate 2KV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT523
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed Over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.002 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN33D8LT-7
SOT523
3,000/Tape & Reel
DMN33D8LT-13
SOT523
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2012
2013
2014
2015
2016
2017
2018
Code
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD PROTECTED
SOT523
Top View
Top View
GS
D
Equivalent Circuit
Source
Gate
Protection
Diode
Gate
Drain
3LT = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: A = 2013
M = Month ex: 9 = September
e3


Número de pieza similar - DMN33D8LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN33D8LT-13 DIODES-DMN33D8LT-13 Datasheet
256Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN33D8LT-7 DIODES-DMN33D8LT-7 Datasheet
256Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN33D8LTQ DIODES-DMN33D8LTQ Datasheet
493Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
August 2020 Rev. 2 - 2
DMN33D8LTQ-13 DIODES-DMN33D8LTQ-13 Datasheet
493Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
August 2020 Rev. 2 - 2
DMN33D8LTQ-7 DIODES-DMN33D8LTQ-7 Datasheet
493Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
August 2020 Rev. 2 - 2
More results

Descripción similar - DMN33D8LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
ILSI America LLC
I616 ILSI-I616 Datasheet
49Kb / 2P
   Small Surface Mount Package
logo
Rohm
QS8J13 ROHM-QS8J13 Datasheet
2Mb / 12P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com