Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA8696F Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
TA8696F Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 12 page TA8696F 2002-02-13 4 Pin No. Pin Name and Function Typical Signal Level Interface Current 12 13 18 19 B drive R drive R cut-off B cut-off Internal bias L.VCC/2 ViH Max = L.VCC ViL Min = GND Clamped on L.VCC and GND 14 17 COM drive COM cut-off Internal bias L.VCC/2 ViH Max = L.VCC ViL Min = GND Clamped on L.VCC and GND 16 g off-set Internal bias L.VCC/2 ViH Max = L.VCC ViL Min = GND Clamped on L.VCC and GND 22 23 24 R output G output B output Inverted in sync with VD Clamped on H.VCC and GND L.VCC 20 k W 40 k W 14 17 H.VCC 50 k W 22 23 24 11.5 Black signal level 6.5 8.5 White signal level 4.5 White signal level 1.5 Black signal level 12 13 18 19 L.VCC 40 k W 16 L.VCC 40 k W |
Número de pieza similar - TA8696F |
|
Descripción similar - TA8696F |