Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN3018SFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMN3018SFG-13
Descripción Electrónicos  ESD Protected Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3018SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN3018SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN3018SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN3018SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN3018SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN3018SFG-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3018SFG
Document number: DS35638 Rev. 4 - 2
3 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3018SFG
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V= 2.5V
GS
V= 3.0V
GS
V= 3.5V
GS
V= 4.5V
GS
V
= 10V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.01
0.1
048
12
16
20
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0
0.02
0.04
0.06
0.08
0
4
8
12
16
20
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
0.02
0.04
0.06
0.08
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10


Número de pieza similar - DMN3018SFG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3018SFG-13 DIODES-DMN3018SFG-13 Datasheet
266Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMN3018SFG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
   ESD Protected Gate
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
   ESD Protected Gate
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
   ESD Protected Gate
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
   ESD Protected
logo
Alpha & Omega Semicondu...
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
   ESD protected
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
   ESD protected
logo
Diodes Incorporated
DMP32D5LFA DIODES-DMP32D5LFA Datasheet
359Kb / 6P
   ESD Protected
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
   ESD Protected:1000V
logo
Unisonic Technologies
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com