Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN3730U Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza DMN3730U
Descripción Electrónicos  Qualified to AEC-Q101 Standards for High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3730U Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN3730U Datasheet HTML 1Page - Diodes Incorporated DMN3730U Datasheet HTML 2Page - Diodes Incorporated DMN3730U Datasheet HTML 3Page - Diodes Incorporated DMN3730U Datasheet HTML 4Page - Diodes Incorporated DMN3730U Datasheet HTML 5Page - Diodes Incorporated DMN3730U Datasheet HTML 6Page - Diodes Incorporated DMN3730U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN3730U
Datasheet number: DS35308 Rev. 2 - 2
5 of 7
www.diodes.com
July 2011
© Diodes Incorporated
DMN3730U
A Product Line of
Diodes Incorporated
Fig. 10 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.2
0.4
0.6
0.8
1.0
1.2
I = 250µA
D
I = 1mA
D
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 11 Diode Forward Voltage vs. Current
V , SOURCE-DRAIN VOLTAGE (V)
SD
0
0.4
0.8
1.2
1.6
2.0
T = 25°C
A
0
5
10
15
20
25
30
Fig. 12 Typical Total Capacitance
V , DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
Ciss
Crss
Coss
f = 1MHz
1
10
100
1,000
10,000
0
5
10
15
20
25
30
Fig. 13 Typical Leakage Current
vs. Drain-Source Voltage
V , DRAIN-SOURCE VOLTAGE (V)
DS
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
2
4
6
8
0
0.5
1
1.5
2
2.5
3
Fig. 14 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
V
= 15V
I = 1A
DS
D


Número de pieza similar - DMN3730U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ZP Semiconductor
DMN3730U ZPSEMI-DMN3730U Datasheet
264Kb / 3P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
Diodes Incorporated
DMN3730UFB DIODES-DMN3730UFB Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB-7 DIODES-DMN3730UFB-7 Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB4 DIODES-DMN3730UFB4 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
DMN3730UFB4-7 DIODES-DMN3730UFB4-7 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
More results

Descripción similar - DMN3730U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com