Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD0603-T05C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

No. de pieza CD0603-T05C
Descripción Electrónicos  Surface Mount TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-T05C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD0603-T05C Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-T05C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
Ambient Temperature (°C)
20
40
60
80
100
120
0
0
30
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
Mounting on glass epoxy PCBs
tt
et
td = t
|IPP/2
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
250 W, 8/20 µs Waveform
010
20
30
40
Reverse Voltage (V)
0
3
6
9
12
15
5 V
12 V
24 V
0
20
40
60
80
100
Reverse Voltage (%)
10n
100n
1u
10u
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CD0603/CD1005-T Surface Mount TVS Diode Series
Rating & Characteristic Curves
Peak Pulse Power vs. Pulse Time
Pulse Waveform
Capacitance Between Terminals
Power Derating Curve
Reverse Characteristics


Número de pieza similar - CD0603-T05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
More results

Descripción similar - CD0603-T05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD0603 BOURNS-CD0603_13 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T33B BOURNS-CDDFN2-T33B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3LC BOURNS-CDDFN2-T3.3LC Datasheet
280Kb / 4P
   Surface Mount TVS Diode
logo
RFE international
SMAJ RFE-SMAJ_V01 Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com