Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8513 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8513
Descripción Electrónicos  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8513 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8513 Datasheet HTML 6Page - Analog Devices AD8513 Datasheet HTML 7Page - Analog Devices AD8513 Datasheet HTML 8Page - Analog Devices AD8513 Datasheet HTML 9Page - Analog Devices AD8513 Datasheet HTML 10Page - Analog Devices AD8513 Datasheet HTML 11Page - Analog Devices AD8513 Datasheet HTML 12Page - Analog Devices AD8513 Datasheet HTML 13Page - Analog Devices AD8513 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 10 of 20
FREQUENCY (Hz)
0
10
0
105
20
70
90
175
70
245
280
30
50
35
140
210
40
60
80
100
VSY = ±5V TO ±15V
Figure 25. Voltage Noise Density vs. Frequency
TIME (1
µs/DIV)
VSY = ±15V
RL = 2kΩ
CL = 100pF
AV = 1
Figure 26. Large Signal Transient Response
TIME (100ns/DIV)
VSY = ±15V
RL = 2kΩ
CL = 100pF
AV = 1
Figure 27. Small Signal Transient Response
CAPACITANCE (pF)
1
0
10
20
10
30
40
60
100
1k
10k
70
50
80
90
VSY = ±15V
RL = 2kΩ
+OS
–OS
Figure 28. Small Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
10k
–10
0
100k
10
20
40
1M
10M
50M
50
30
60
70
–20
–30
–45
45
90
180
225
135
270
315
–90
–135
0
VSY =±5V
RL = 2.5kΩ
CSCOPE = 20pF
φ
M = 44.5 DEGREES
Figure 29. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
100
40
1k
60
10k
10M
100M
100
80
120
20
0
100k
1M
VSY =±5V
Figure 30. CMRR vs. Frequency


Número de pieza similar - AD8513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8513 AD-AD8513 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8513AR AD-AD8513AR Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8513AR AD-AD8513AR Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513AR-REEL AD-AD8513AR-REEL Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8513AR-REEL AD-AD8513AR-REEL Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results

Descripción similar - AD8513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com