Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CNX722X200FVB Datasheet(PDF) 2 Page - Visual Communications Company

No. de pieza CNX722X200FVB
Descripción Electrónicos  Panel Mount Indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VCC [Visual Communications Company]
Página de inicio  http://vcclite.com
Logo VCC - Visual Communications Company

CNX722X200FVB Datasheet(HTML) 2 Page - Visual Communications Company

  CNX722X200FVB Datasheet HTML 1Page - Visual Communications Company CNX722X200FVB Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06/15 Rev 1
Product specifications
Ordering data
Materials
body
polycarbonate, UL 94-V2
retaining nut
Valox, black UL 94-V0
wire
22 AWG 1007/1569
lens
polycarbonate, UL 94-V2
moisture seal
EPDM
Installation specification
mounting hole .855-.910” (21.7-23.1mm)
panel
thickness
Up to .300” (7.6mm)
spacing
minimum 1.5”
center to center
Operating parameters
operating
temperature
-40°F (-40°C) to
176°F (80°C)
**Body color to
match LED color
Body Type
X
material
C
colored**
CNX 722 22mm indicator
ordering code (example)
CNX 722 C XXX FV X
Termination Style
X
termination style
B
screw block
T
quick disconnect/
terminals
W
wire leads
LED Color
XXX
color
200
red
400
soft
yellow
401
yellow
500
green
600
blue
900
white
Bezel Color
Material
X
color
0
black
plastic
2
red
plastic
4
yellow
plastic
5
green
plastic
6
blue
plastic
9
white
plastic
A
actual aluminum
metal
B
brushed aluminum
plastic
C
chrome
plastic
Optional sealed bezel: BZL722_X
Compliance & approvals
Voltage
XX
input
voltage
FV 5-28 VDC
Accessory options
Sealed Bezel IP67/NEMA 6P
• Material - either plastic or metal
• For indoor and outdoor applications, protects
against falling dirt. Also protects against water or
oil and the effects of ice formation.
mositure seal
EPDM
bezel-plastic
ABS, UL 94-HB
bezel-metal
aluminum alloy
LED output
LED color
typ intensity (mcd)
I (mA)
red
1300-1900
20
soft yellow
80-200
20
yellow
450-1120
30
green
700-1400
20
blue
280-710
30
white
1300-1700
20
www.vcclite.com
1.800.522.5546
engineered to light up your design


Número de pieza similar - CNX722X200FVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
CNX722 VCC-CNX722 Datasheet
560Kb / 2P
   wide angle viewable
CNX722C20005B VCC-CNX722C20005B Datasheet
560Kb / 2P
   wide angle viewable
CNX722C20005T VCC-CNX722C20005T Datasheet
560Kb / 2P
   wide angle viewable
CNX722C20005W VCC-CNX722C20005W Datasheet
560Kb / 2P
   wide angle viewable
CNX722C20012B VCC-CNX722C20012B Datasheet
560Kb / 2P
   wide angle viewable
More results

Descripción similar - CNX722X200FVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
P-tec Corporation
PL518-1G13 P-TEC-PL518-1G13 Datasheet
77Kb / 1P
   Panel Mount Indicator
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059IDQ9222 LUMEX-SSI-LXMP059IDQ9222 Datasheet
111Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
5100F VCC-5100F Datasheet
140Kb / 2P
   LED Panel Mount Indicator
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059GDQ9222 LUMEX-SSI-LXMP059GDQ9222 Datasheet
112Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
CNX480 VCC-CNX480 Datasheet
706Kb / 1P
   Ruggedized LED Panel Mount Indicator
logo
Marl International Limi...
570-320-04 MARL-570-320-04 Datasheet
413Kb / 3P
   Std Metal Panel Mount Indicator
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com