Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734120230 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734120230
Descripción Electrónicos  MCRF-to-MCRF, 1.13mm Cable Diameter, Length 40.00mm, 50 Ohms
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734120230 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734120230 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734120230
Status:
Active
Overview:
RF/Microwave Products
Description:
MCRF-to-MCRF, 1.13mm Cable Diameter, Length 40.00mm, 50 Ohms
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
73412
Assembly Configuration
Dual Ended Connectors
Connector to Connector
MCRF-to-MCRF
Overview
RF/Microwave Products
Product Name
MCRF, RF
UPC
822348803941
Physical
Cable Length
40.00mm
Circuits (Loaded)
0
Gender
Plug/Plug
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Resin
Polyester
Net Weight
0.175/g
Packaging Type
Bag
Single Ended
No
Wire/Cable Type
Coaxial
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73412-023
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
73412 Series
This document was generated on 06/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734120230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734120231 MOLEX11-0734120231 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 110.00mm, 50 Ohms
0734120232 MOLEX11-0734120232 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 65.00mm, 50 Ohms
0734120237 MOLEX11-0734120237 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 240.00mm, 50 Ohms
0734120239 MOLEX11-0734120239 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 30.00mm, 50 Ohms
More results

Descripción similar - 0734120230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734120232 MOLEX11-0734120232 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 65.00mm, 50 Ohms
0734120237 MOLEX11-0734120237 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 240.00mm, 50 Ohms
0734120231 MOLEX11-0734120231 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 110.00mm, 50 Ohms
0734120239 MOLEX11-0734120239 Datasheet
27Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 30.00mm, 50 Ohms
0734129004 MOLEX11-0734129004 Datasheet
44Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 150.00mm, 50 Ohms, Black
0734129002 MOLEX11-0734129002 Datasheet
44Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 50.00mm, 50 Ohms, Black
0734129010 MOLEX11-0734129010 Datasheet
44Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 95.00mm, 50 Ohms, Black
0734129014 MOLEX11-0734129014 Datasheet
44Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 85.00mm, 50 Ohms, Gray
0734129012 MOLEX11-0734129012 Datasheet
44Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 100.00mm, 50 Ohms, Black
0731160007 MOLEX11-0731160007 Datasheet
63Kb / 1P
   MCRF-to-MCRF, 1.13mm Cable Diameter, Length 304.8mm, H18, 50 Ohms
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com