Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6TPE330MAP Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza 6TPE330MAP
Descripción Electrónicos  Surface Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MAP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  6TPE330MAP Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MAP Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MAP Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MAP Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Characteristics list
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple
1
current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d
✽3
LC
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPE
2.5
105
2.5
105
220
7.3
4.3
1.8
D2E
3900
9
0.10
55.0
2R5TPE220M9
3000
105
2.5
105
7.3
4.3
1.8
3100
15
0.10
55.0
2R5TPE220MF
3000
105
2.5
105
7.3
4.3
1.8
2800
18
0.10
55.0
2R5TPE220MI
3000
105
2.5
105
7.3
4.3
1.8
2400
25
0.10
55.0
2R5TPE220M
3000
105
2.5
105
330
7.3
4.3
1.8
4400
7
0.10
82.5
2R5TPE330M7
3000
105
2.5
105
7.3
4.3
1.8
3900
9
0.10
82.5
2R5TPE330M9
3000
105
2.5
105
7.3
4.3
1.8
3500
12
0.10
82.5
2R5TPE330MC
3000
105
2.5
105
7.3
4.3
1.8
3100
15
0.10
82.5
2R5TPE330MF
3000
105
2.5
105
7.3
4.3
1.8
2800
18
0.10
82.5
2R5TPE330MI
3000
105
2.5
105
7.3
4.3
1.8
2400
25
0.10
82.5
2R5TPE330M
3000
105
2.5
105
470
7.3
4.3
1.8
4400
7
0.10
117.5
2R5TPE470M7
3000
105
2.5
105
7.3
4.3
1.8
3900
9
0.10
117.5
2R5TPE470M9
3000
105
2.5
105
7.3
4.3
1.8
3500
12
0.10
117.5
2R5TPE470MC
3000
105
2.5
105
7.3
4.3
1.8
3100
15
0.10
117.5
2R5TPE470MF
3000
105
2.5
105
7.3
4.3
1.8
2800
18
0.10
117.5
2R5TPE470MI
3000
105
2.5
105
680
7.3
4.3
2.8
D3L
3500
12
0.10
170.0
2R5TPE680MCL 2500
105
2.5
105
7.3
4.3
2.8
3100
15
0.10
170.0
2R5TPE680MFL 2500
105
2.5
105
1000
7.3
4.3
3.8
D4
3900
15
0.15
250.0
2R5TPE1000MF 2000
105
2.5
105
1500
7.3
4.3
3.8
4400
12
0.15
375.0
2R5TPE1500MC 2000
105
2.5
105
7.3
4.3
3.8
3900
15
0.15
375.0
2R5TPE1500MF 2000
4
105
4.0
105
150
7.3
4.3
1.8
D2E
2800
18
0.10
60.0
4TPE150MI
3000
105
4.0
105
220
7.3
4.3
1.8
3100
15
0.10
88.0
4TPE220MF
3000
105
4.0
105
7.3
4.3
1.8
2800
18
0.10
88.0
4TPE220MI
3000
105
4.0
105
7.3
4.3
1.8
2400
25
0.10
88.0
4TPE220M
3000
105
4.0
105
330
7.3
4.3
1.8
2800
18
0.10
132.0
4TPE330MI
3000
105
4.0
105
7.3
4.3
1.8
2400
25
0.10
132.0
4TPE330M
3000
105
4.0
105
470
7.3
4.3
2.8
D3L
3500
12
0.10
188.0
4TPE470MCL
2500
105
4.0
105
7.3
4.3
2.8
3100
15
0.10
188.0
4TPE470MFL
2500
105
4.0
105
7.3
4.3
2.8
2800
18
0.10
188.0
4TPE470MIL
2500
105
4.0
105
7.3
4.3
2.8
2400
25
0.10
188.0
4TPE470ML
2500
6.3
105
6.3
105
100
7.3
4.3
1.8
D2E
2800
18
0.10
63.0
6TPE100MI
3000
105
6.3
105
7.3
4.3
1.8
2400
25
0.10
63.0
6TPE100M
3000
105
6.3
105
150
7.3
4.3
1.8
3100
15
0.10
94.5
6TPE150MF
3000
105
6.3
105
7.3
4.3
1.8
2800
18
0.10
94.5
6TPE150MI
3000
105
6.3
105
7.3
4.3
1.8
2400
25
0.10
94.5
6TPE150M
3000
105
6.3
105
220
7.3
4.3
1.8
2800
18
0.10
138.6
6TPE220MI
3000
105
6.3
105
7.3
4.3
1.8
2400
25
0.10
138.6
6TPE220M
3000
85
5.0
105
7.3
4.3
1.8
2400
25
0.10
138.6
6TPE220MAP
3000
85
5.0
105
330
7.3
4.3
1.8
2400
25
0.10
207.9
6TPE330MAP
3000
85
5.0
105
7.3
4.3
2.8
D3L
2400
25
0.10
207.9
6TPE330MAL
2500
85
5.0
105
7.3
4.3
2.8
3900
9/500 Hz
0.10
207.9
6TPE330MA9EL 2500
105
6.3
105
7.3
4.3
2.8
3100
15
0.10
207.9
6TPE330MFL
2500
105
6.3
105
7.3
4.3
2.8
2800
18
0.10
207.9
6TPE330MIL
2500
105
6.3
105
7.3
4.3
2.8
2400
25
0.10
207.9
6TPE330ML
2500
85
5.0
105
7.3
4.3
3.8
D4
4400
10
0.10
207.9
6TPE330MAA
2000
85
5.0
105
470
7.3
4.3
1.4 D15E
1700
35
0.10
296.1
6TPE470MAZU
4000
105
6.3
105
7.3
4.3
3.8
D4
3500
18
0.15
296.1
6TPE470MI
2000
105
6.3
105
7.3
4.3
3.8
3000
25
0.15
296.1
6TPE470M
2000
105
6.3
105
680
7.3
4.3
3.8
3500
18
0.15
428.4
6TPE680MI
2000
105
6.3
105
7.3
4.3
3.8
3000
25
0.15
428.4
6TPE680M
2000
10
105
10.0
105
68
7.3
4.3
1.8
D2E
2400
25
0.10
68.0
10TPE68M
3000
105
10.0
105
220
7.3
4.3
2.8
D3L
2800
18
0.10
220.0
10TPE220MIL
2500
105
10.0
105
7.3
4.3
2.8
2400
25
0.10
220.0
10TPE220ML
2500
105
10.0
105
330
7.3
4.3
3.8
D4
3000
25
0.10
330.0
10TPE330M
2000
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Nov. 2015
01


Número de pieza similar - 6TPE330MAP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
6TPE330MAP PANASONIC-6TPE330MAP Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MAP PANASONIC-6TPE330MAP Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Descripción similar - 6TPE330MAP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com