Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS3922-001 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

No. de pieza SMS3922-001
Descripción Electrónicos  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3922-001 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SMS3922-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 9Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 10Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 11Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • SMS392x SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200042AA
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.083 (2.10 mm)
± 0.012 (0.30 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
Ref
Pin 1 Indicator
S1670
Dimensions are in inches (millimeters shown in parentheses)
Figure 11. SC-88 Package Dimension Drawing
Notes:
1. Carrier tape: black conductive polystyrene.
2. Cover tape material: transparent conductive HSA.
3. Cover tape size: 5.40 mm width.
4. Ten sprocket hole pitch cumulative tolerance ±0.20 mm.
5. All measurements are in millimeters.
6. Standard reel size in 7 inches. Standard reel quantity is 3000 pcs.
2.25 ± 0.10 (Ao)
0.30 ± 0.05
4.00 (Note 4)
4.00 ± 0.10
Pin #1
2.00 ± 0.05
1.75 ± 0.10
A
B
1.20 ± 0.10 (Ko)
A
B
B
A
∅1.50+ 0.10/–0.00
∅1.00 Min.
R0.30 Typ.
S1620
Figure 12. SC-88 Tape and Reel Dimensions


Número de pieza similar - SMS3922-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

Descripción similar - SMS3922-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com