Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS3923-040LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

No. de pieza SMS3923-040LF
Descripción Electrónicos  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3923-040LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SMS3923-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 11Page - Skyworks Solutions Inc. SMS3923-040LF Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATA SHEET • SMS392x SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200042AA
0.110 (2.80 mm) Min.
0.120 (3.04 mm) Max.
0.083 (2.10 mm) Min.
0.104 (2.64 mm) Max.
0.012 (0.30 mm) Min.
0.020 (0.50 mm) Max.
0.0005 (0.01 mm) Min.
0.004 (0.15 mm) Max.
0.031 (0.80 mm) Min.
0.047 (1.20 mm) Max.
0.030 (0.76 mm) Min.
0.035 (0.89 mm) Max.
0.047 (1.20 mm) Min.
0.055 (1.40 mm) Max.
0.003 (0.08 mm) Min.
0.008 (0.20 mm) Max.
0.022 (0.55 mm) Ref.
8° Max.
0.020 (0.50 mm) Ref.
0.028 (0.70 mm) Ref.
0.068 (1.72 mm) Ref.
0.076 (1.92 mm) Ref.
4
3
2
1
S1651
Dimensions are in inches (millimeters shown in parentheses)
Figure 15. SOT-143 Package Dimension Drawing
Notes:
1.
Carrier tape: black conductive polycarbonate.
2.
Cover tape material: transparent conductive PSA.
3.
Cover tape size: 5.4 mm width.
4.
Tolerance: .XX = ±0.10
5. Ten sprocket hole pitch cumulative tolerance: ±0.2 mm.
6.
All measurements are in millimeters.
1.50 + 0.10/–0.0
1.00 Min.
R0.3 Typ.
Pin 1
A
2.00 ± 0.05
0.25 ± 0.05
R0.20 Max
1.75 ± 0.10
3.50 ± 0.05
4.00
0.50
1.00
2.75 (Bo)
3.17 (Ao)
1.32 (Ko)
(0.65)
4.00
(See Note 5)
A
A
S2515a
Figure 16. SOT-143 Tape and Reel Dimensions


Número de pieza similar - SMS3923-040LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

Descripción similar - SMS3923-040LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com