Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP32D5LFA Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMP32D5LFA
Descripción Electrónicos  ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D5LFA Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP32D5LFA Datasheet HTML 1Page - Diodes Incorporated DMP32D5LFA Datasheet HTML 2Page - Diodes Incorporated DMP32D5LFA Datasheet HTML 3Page - Diodes Incorporated DMP32D5LFA Datasheet HTML 4Page - Diodes Incorporated DMP32D5LFA Datasheet HTML 5Page - Diodes Incorporated DMP32D5LFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP32D5LFA
Document Number: DS37119 Rev. 3 - 2
4 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP32D5LFA
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
-I = 1mA
D
-I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
1
10
100
0
2
4
6
8
10
12
Coss
Crss
C
iss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V
= -15V
I = -0.2A
DS
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 SOA, Safe Operation Area
0.001
0.01
0.1
1
10
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
R DS(on)
Limited
T
= 150°C
J (m ax )
T = 25°C
A
V
= 4.5V
GS
Single Pulse
DUT on 1 * MRP Board


Número de pieza similar - DMP32D5LFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP32D5LFA DIODES-DMP32D5LFA_15 Datasheet
359Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP32D5LFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
   ESD Protected
logo
Alpha & Omega Semicondu...
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
   ESD protected
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
   ESD protected
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
   ESD Protected Gate
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
   ESD Protected Gate
DMN3018SFG DIODES-DMN3018SFG Datasheet
266Kb / 6P
   ESD Protected Gate
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
   ESD Protected:1000V
logo
Diodes Incorporated
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
   ESD Protected Gate
logo
Unisonic Technologies
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com